công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

K50 bảng dữ liệu(PDF) 2 Page - Banner Engineering Corp.

tên linh kiện K50
Giải thích chi tiết về linh kiện  EZ-LIGHT짰 K50 and K80 Series Pick-to-Light Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BANNER [Banner Engineering Corp.]
Trang chủ  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K50 bảng dữ liệu(HTML) 2 Page - Banner Engineering Corp.

  K50_V02 Datasheet HTML 1Page - Banner Engineering Corp. K50_V02 Datasheet HTML 2Page - Banner Engineering Corp. K50_V02 Datasheet HTML 3Page - Banner Engineering Corp. K50_V02 Datasheet HTML 4Page - Banner Engineering Corp. K50_V02 Datasheet HTML 5Page - Banner Engineering Corp. K50_V02 Datasheet HTML 6Page - Banner Engineering Corp. K50_V02 Datasheet HTML 7Page - Banner Engineering Corp. K50_V02 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Model 1
Sensing Mode/LED
Housing
Range
Output 2
K50RPPBGXDQ
PNP, N.C.
K50ANPBGXDQ
NPN, N.O.
K50RNPBGXDQ
NPN, N.C.
K80APPBGXDQ
50 mm (1.9 in) dome, Flat
or DIN- mount,
polycarbonate
PNP, N.O.
K80RPPBGXDQ
PNP, N.C.
K80ANPBGXDQ
NPN, N.O.
K80RNPBGXDQ
NPN, N.C.
C-Series Models — 2 Colors
• Job light is green at all times while job input is active (unless hand is present)
• Presence of hand (or pressing push button) activates output and overrides job light (turns red) for visual verification that action
was sensed
• Retroreflective models: To simplify alignment, sensor provides red signal when retroreflecive target is not correctly aligned
Model 1
Sensing Mode/LED
Housing
Range
Output 2
K50APLPGRCQ
Polarized retroreflective, visible
red, 680 nm
50 mm (1.9 in) dome, 30
mm (1.1 in) mount,
polycarbonate
2 m (6 ft)
PNP, N.O.
K50RPLPGRCQ
PNP, N.C.
K50ANLPGRCQ
NPN, N.O.
K50RNLPGRCQ
NPN, N.C.
K50APFF50GRCQ
Fixed field infrared, 880 nm
50 mm (1.9 in) cutoff
PNP, N.O.
K50RPFF50GRCQ
PNP, N.C.
K50ANFF50GRCQ
NPN, N.O.
K50RNFF50GRCQ
NPN, N.C.
K50APFF100GRCQ
100 mm (3.9 in) cutoff
PNP, N.O.
K50RPFF100GRCQ
PNP, N.C.
K50ANFF100GRCQ
NPN, N.O.
K50RNFF100GRCQ
NPN, N.C.
K50APPBGRCQ
Push button
PNP, N.O.
K50RPPBGRCQ
PNP, N.C.
K50ANPBGRCQ
NPN, N.O.
K50RNPBGRCQ
NPN, N.C.
K80APPBGRCQ
50 mm (1.9 in) dome, Flat
or DIN- mount,
polycarbonate
PNP, N.O.
K80RPPBGRCQ
PNP, N.C.
K80ANPBGRCQ
NPN, N.O.
K80RNPBGRCQ
NPN, N.C.
1 Integral 4-pin M12/Euro-style quick disconnect models are listed.
To order the 2 m (6.5 ft) PVC cable model, omit the suffix "Q" in the model number. For example, K50APLPGXD.
To order the 9 m (30 ft) PVC cable model, replace the suffix "Q" with "W/30" in the model number. For example, K50APLPGXD W/30.
To order the 150 mm (6 in) PVC cable model with a 4-pin M12/Euro-style quick disconnect, replace the suffix "Q" with "QP" in the
model number. For example, K50APLPGXDQP.
Models with a quick disconnect require a mating cordset.
2 N.O. = Normally Open; N.C. = Normally Closed
EZ-LIGHT® K50 and K80 Series Pick-to-Light Sensors
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 126441 Rev. J



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com