| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Q240WS bảng dữ liệu(PDF) 7 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
Q240WS bảng dữ liệu(HTML) 7 Page - Banner Engineering Corp. |
|
7 / 9 page ![]() Beam Pattern—EU Models Typical Beam Pattern (with BRTR-CC20E Radar Target, Radar Cross Section = 50 m2) Typical Beam Pattern (with 4 different targets) 0 0 -2 -4 -6 6 4 2 10 20 30 40 50 Meters 60 70 80 90 100 1 3 4 5 6 7 2 Sensitivity 1 Sensitivity 8 8 1–8: Indicates sensitivity level 0 0 -2 -4 -6 6 4 2 10 20 30 40 50 Meters 60 70 80 90 100 1 2 3 Car Passenger Train Weak Object Large Truck 4 At sensitivity level 8 1: Weak Object (Radar cross section = 0.25 m2) 2: Car (Radar cross section = 3 m2) 3: Large Truck (Radar cross section = 50 m2) 4: Passenger Train (Radar cross section = 300 m2) 0 0 -2 -4 -6 -8 8 6 4 2 10 20 30 40 50 60 70 80 90 100 Meters Car Large Truck Passenger Train 3 2 4 At sensitivity level 5 Note: The Target 1 curve is not available due to trace data on a weak object. R-GAGE® Q240RA-IL (-UL) Sensor P/N 199895 Rev. A www.bannerengineering.com - Tel: +1-763-544-3164 7 |