| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DF-G2 bảng dữ liệu(PDF) 2 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
DF-G2 bảng dữ liệu(HTML) 2 Page - Banner Engineering Corp. |
|
2 / 11 page ![]() Mount to the Accessory Bracket (SA-DIN-BRACKET) 1. Position the DF-G2 in the SA-DIN-BRACKET. 2. Insert the supplied M3 screws. 3. Tighten the screws. Remove from a DIN rail 1. Push the DF-G2 up on the DIN rail (1). 2. Pivot the DF-G2 away from the DIN rail and remove it (2). Installing the Fibers Follow these steps to install glass or plastic fibers. 1. Open the dust cover. 2. Move the fiber clamp forward to unlock it. 3. Insert the fiber(s) into the fiber port(s) until they stop. 4. Move the fiber clamp backward to lock the fiber(s). 5. Close the dust cover. Fiber Emitter Port Fiber Receiver Fiber Clamp Port Move forward to release the fibers Note: For optimum performance of IR models, if applicable, glass fibers must be used. Fiber Adapters Note: If a thin fiber with less than 2.2 mm outer diameter is used, install the fiber adapter provided with the fiber assembly to ensure a reliable fit in the fiber holder. Align the fibers to the end of the adaptors. Banner includes the adapters with all fiber assemblies. TO FIBERS TO SENSOR Fiber Outer Diameter (mm) Adapter Color Ø 1.0 Black Ø 1.3 Red Ø 2.2 No adapter needed When connecting coaxial-type fiber assemblies to the amplifier, install the single-core (center) fiber to the Transmitter port, and the multi-core (outer) fiber to the Receiver port. This will result in the most reliable detection. DF-G2 High Speed Expert™ Dual Display Fiber Amplifier with IO Link 2 www.bannerengineering.com - Tel: + 1 888 373 6767 P/N 193601 Rev. B |