công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T18-2VPLPC-Q8 bảng dữ liệu(PDF) 9 Page - Banner Engineering Corp.

tên linh kiện T18-2VPLPC-Q8
Giải thích chi tiết về linh kiện  Epoxy Encapsulated Right-Angle Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BANNER [Banner Engineering Corp.]
Trang chủ  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

T18-2VPLPC-Q8 bảng dữ liệu(HTML) 9 Page - Banner Engineering Corp.

Back Button T18-2VPLPC-Q8 Datasheet HTML 2Page - Banner Engineering Corp. T18-2VPLPC-Q8 Datasheet HTML 3Page - Banner Engineering Corp. T18-2VPLPC-Q8 Datasheet HTML 4Page - Banner Engineering Corp. T18-2VPLPC-Q8 Datasheet HTML 5Page - Banner Engineering Corp. T18-2VPLPC-Q8 Datasheet HTML 6Page - Banner Engineering Corp. T18-2VPLPC-Q8 Datasheet HTML 7Page - Banner Engineering Corp. T18-2VPLPC-Q8 Datasheet HTML 8Page - Banner Engineering Corp. T18-2VPLPC-Q8 Datasheet HTML 9Page - Banner Engineering Corp. T18-2VPLPC-Q8 Datasheet HTML 10Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Reflectors
BRT-2X2
•
Square, acrylic target
•
Reflectivity factor: 1.0
•
Max. temperature: +50 °C (+122 ºF)
•
Optional brackets are available
•
Approximate size: 51 mm × 51 mm
BRT-84X84A
•
Square, acrylic target
•
Reflectivity Factor: 2.0
•
Temperature: –20 °C to +60 °C (–
4 °F to +140 °F)
•
Approximate size: 84 mm × 84 mm
BRT-40X19A
•
Rectangular, acrylic target
•
Reflectivity Factor: 1.3
•
Temperature: –20 °C to +60 °C (–
4 °F to +140 °F)
•
Approximate size: 19 mm × 60 mm
overall; 19 mm × 40 mm reflector
BRT-60X40C
•
Rectangular, acrylic target
•
Reflectivity Factor: 1.4
•
Temperature: –20 °C to +60 °C (–
4 °F to +140 °F)
•
Optional brackets are available
•
Approximate size: 40 mm × 60
mm
BRT-60X40IP69K
•
Rectangular, acrylic target (color is
amber)
•
Reflectivity Factor: 0.7
•
Temperature: –20 °C to +140 °C (–
4 °F to +284 °F)
•
Chemically resistant
•
IP69K washdown rated
•
Optional brackets are available
•
Approximate size: 40 mm × 60
mm
BRT-60X40AF
•
Rectangular, acrylic target
•
Reflectivity Factor: 1.4
•
Temperature: –20 °C to +60 °C (–
4 °F to +140 °F)
•
Anti-fogging coating for use
around steam
•
Optional brackets are available
•
Approximate size: 40 mm × 60 mm
BRT-84
•
Round, acrylic target
•
Reflectivity Factor: 1.4
•
Temperature: –20 °C to +60 °C (–
4 °F to +140 °F)
•
Optional brackets are available
•
Size: 84 mm diameter
•
Mounting Hole: 4.5 mm diameter
Retroreflective Tape
Model
Reflectivity Factor
Maximum Temperature
Size
BRT-THG-2-100
0.7
+60 °C (+140 °F)
50 mm (2 in) wide, 2.5 m (100 in) long
T18-2 Epoxy Encapsulated Right-Angle Sensor
P/N 201875 Rev. C
www.bannerengineering.com - Tel: +1-763-544-3164
9



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com