công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC17531A bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MPC17531A
Giải thích chi tiết về linh kiện  700mA Dual H-Bridge Motor Driver with 3.0V Compatible Logic I/O
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17531A bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC17531A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
17531A
TYPICAL APPLICATIONS
FUNCTIONAL TERMINAL DESCRIPTION
TYPICAL APPLICATIONS
Figure 8 shows a typical application for the 17531A. When
applying the gate voltage to the CRES terminal from an
external source, be sure to connect it via a resistor equal to,
or greater than, RG =
V
CRES/0.02 Ω.
The internal charge pump of this device is generated from
the VDD supply; therefore, care must be taken to provide
sufficient gate-source voltage for the high-side MOSFETs
when VM >> VDD (e.g., VM = 5.0 V, VDD = 3.3 V), in order to
ensure full enhancement of the high-side MOSFET channels.
Figure 8. 17531A Typical Application Diagram
CEMF SNUBBING TECHNIQUES
Care must be taken to protect the IC from potentially
damaging CEMF spikes induced when commutating currents
in inductive loads. Typical practice is to provide snubbing of
voltage transients via placing a capacitor or zener at the
supply terminal (VM) (see Figure 9).
PCB LAYOUT
When designing the printed circuit board (PCB), connect
sufficient capacitance between power supply and ground
terminals to ensure proper filtering from transients. For all
high-current paths, use wide copper traces and shortest
possible distances.
Figure 9. CEMF Snubbing Techniques
MCU
17531A
3.3 V
GND
C1L
C1H
C2L
C2H
CRES
IN1B
IN2A
IN2B
PSAVE
VM
VDD
OUT1B
OUT2B
OUT1A
IN1A
OUT2A
5.0 V
NC
NC
NC
NC
VC
RES < 14 V
RG >
VC
RES/0.02 Ω
0.01
µF
RG
NC = No Connect
17531A
GND
C1L
C1H
C2L
C2H
CRES
VM
VDD
OUT
OUT
17531A
3.3 V
GND
C1L
C1H
C2L
C2H
CRES
VM
VDD
OUT
OUT
5.0 V
3.3 V
5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com