| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AHE2805DF/ES-MSTR bảng dữ liệu(PDF) 6 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
AHE2805DF/ES-MSTR bảng dữ liệu(HTML) 6 Page - International Rectifier |
|
6 / 8 page ![]() 6 www.irf.com AHE28XXS Series Whenever multiple DC/DC converters are utilized in a single system, significant low frequency noise may be gener- ated due to slight difference in the switching frequencies of the converters (beat frequency noise). Because of the low frequency nature of this noise (typically less than 10KHz), it is difficult to filter out and may interfere with proper operation of sensitive systems (communications, radar or telemetry). Advanced Analog offers an option, which provides synchronization of multiple AHE/ATW/ATO type converters, thus eliminating this type of noise. Device Synchronization To take advantage of this capability, the system designer must assign one of the converters as the master. Then, by definition, the remaining converters become slaves and will operate at the masters’ switching frequency. The user should be aware that the synchronization sys- tem is fail-safe; that is, the slaves will continue operating should the master frequency be interrupted for any rea- son. The layout must be such that the synchronization output (pin 9) of the master device is connected to the synchronization input (pin 9) of each slave device. It is advisable to keep this run short to minimize the possibility of radiating the 250KHz switching frequency. The appropriate parts must be ordered to utilize this fea- ture. After selecting the converters required for the sys- tem, a MSTR suffix is added for the master converter part number and a SLV suffix is added for slave part number. See Part Number section. Typical Synchronization Connection A H E 28xxS -S LV A H E 28xxS - M S T R A F C 461 or A F V 461 A H E 28xxD -S LV + In + In + In Ca se Ca se Ca se Re tu rn Re tu rn Re tu rn Re tu rn Re tu rn Re tu rn Output +O utput Output MS T R SL V SL V + In Re tu rn Output Re tu rn S ystem Bus -O utput |