| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AHE2805DF/ES-MSTR bảng dữ liệu(PDF) 4 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
AHE2805DF/ES-MSTR bảng dữ liệu(HTML) 4 Page - International Rectifier |
|
4 / 8 page ![]() 4 www.irf.com AHE28XXS Series Specifications Notes to Specifications 1. Above +125 °C case temperature, derate output power linearly to 0 at 135°C case. 2. Recovery time is measured from the initiation of the transient to where V OUT has returned to within ±1% of VOUT at 50% load. See typical waveforms. 3. Turn-on delay time measurement is for either an application of power at the input or a signal at the shutdown pin. 4. For operation at 16VDC, derate output power by 33%. 5. An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit protection and is the condition of maximum power dissipation. Parameter Conditions -55°C ≤ Tc ≤ +125°C Vin = 28 Vdc ±5%,CL = 0 Unless otherwise specified AHE2805S/HB&CH AHE2812S/HB&CH AHE2815S/HB&CH Min Typ Max Min Typ Max Min Typ Max Units Static Characteristic OUTPUT Voltage Current Ripple Accuracy Power 1 V IN=17 to 40 VDC I OUT=0 to Full Load Full Load, DC to 1MHz T CASE = 25°C, IOUT = 0 4.90 0.0 4.95 15 5.00 20 5.00 5.10 3000 60 5.05 11.76 0.0 11.88 20 12.00 30 12.00 12.24 1667 60 12.12 14.70 0.0 14.85 20 15.00 30 15.00 15.30 1333 60 15.15 VDC mADC mVp-p VDC W REGULATION Line Load V IN = 17 to 40 VDC T CASE = 25°C I OUT = 0 to Full Load 10 5 50 50 30 120 50 35 150 mV mV INPUT Voltage Range 4 Current Ripple Current Inhibited No Load Full Load 17.0 28.0 8 20 40.0 18 35 50 17.0 28.0 8 25 40.0 18 35 50 17.0 28.0 8 25 40.0 18 35 50 VDC mADC mADC mV p-p Efficiency T CASE = +25°C 80 82 80 83 80 84 % Capacitive Load No effect on performance 500 1000 200 1000 200 1000 µF Load fault power dissipation 5 Short Circuit T C =25°C Overload T C = 25°C 4.5 6 4.5 6 4.5 6 W W Isolation Input to Output @ 500Vdc 100 100 100 M Ω Dynamic Characteristic Step Load Changes Output T C =25°C Transient 50% Load 100% Load No Load 50% Load ±150 -300 ±300 -500 ±200 -400 ±300 -500 ±200 -400 ±300 -500 mVpk mVpk 50% Load No Load +300 +500 +400 +500 +400 +500 mVpk Recovery 2 50% Load 100% Load No Load 50% Load 50% Load No Load 25 100 70 200 5 25 500 70 1500 5 25 500 70 1500 5 µsec µsec msec Step Line Changes Output T C = 25°C Transient Recovery 2 Input step 17 to 40VDC Input step 40 to 17VDC Input step 17 to 40VDC Input step 40 to 17VDC +180 -600 400 400 +300 1000 800 800 +180 -600 400 400 +500 -1500 800 800 +180 -600 400 400 +500 -1500 800 800 mVpk mVpk µsec µsec TURN –ON Overshoot Delay 3 V IN = 17 to 40VDC I OUT = 0 to Full Load 0 8 550 10 300 8 600 10 300 8 500 10 mVpk msec Load Fault Recovery 4 V IN = 17 to 40VDC 8 10 8 10 8 10 msec Weight Standard Package Flange Package 55 58 55 58 55 58 grams grams n Input Voltage 1 -0.5V to 50V Power Output Internally limited, 17.5W typical for AHE2805S/HB&CH, 22.5W typical for AHE281XS/HB&CH Soldering 300°C for 10 seconds Temp Range 1 Operating -55°C to +125°C case Storage -65°C to +135°C ABSOLUTE MAXIMUM RATINGS |