| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VSC8151 bảng dữ liệu(PDF) 29 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8151 bảng dữ liệu(HTML) 29 Page - Vitesse Semiconductor Corporation |
|
29 / 30 page ![]() © VITESSE SEMICONDUCTOR CORPORATION Page 29 12/1/99 741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896 VITESSE SEMICONDUCTOR CORPORATION Advance Product Information VSC8151 2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator G52225-0, Rev. 2.9 Ordering Information The order number for this product is formed by a combination of the device number, and package type. Notice This document contains information about a new product during its early sampling phase. The information in this document is based on design targets, simulation results or early prototype test results. Characteristic data and other specifications are subject to change without notice. Therefore the reader is cautioned to confirm that this datasheet is current prior to design or order placement. Warning Vitesse Semiconductor Corporation’s products are not intended for use in life support appliances, devices or systems. Use of a Vitesse product in such applications without the written consent is prohibited. VSC8151 QV Device Type VSC8151: Package 2.488Gb/s SONET/SDH QV: 160PQFP, 28mm Body STS-48/STM-16 Section Terminator |