| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LXT975B bảng dữ liệu(PDF) 45 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
LXT975B bảng dữ liệu(HTML) 45 Page - Intel Corporation |
|
45 / 74 page ![]() Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975 Datasheet 45 Figure 21. Typical LXT975 Twisted-Pair Stacked RJ-45 Modular Application Stacked RJ-45s RJ-45 Footprint LXT975 1 40 2 39 3 38 5 36 6 35 8 33 37 34 4 7 9 32 10 31 11 30 12 29 13 28 15 26 16 25 18 23 27 24 14 17 19 22 20 21 24 68 24 68 13 57 13 57 86 42 86 42 75 31 75 31 81 18 81 18 Edge of PCB Rx Tx Tx Rx Rx Tx Tx Rx Port 0 Port 1 Port 2 Port 3 Termination resistors and common mode bypass capacitors are not shown. See "Layout Requirements" section for recommended application circuit. Port 0 Port 1 Port 2 Port 3 Port 0 Port 3 Port 1 Port 2 Amphenol 2X2 Port Stacked Modular Jack |