| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2502 bảng dữ liệu(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM2502 bảng dữ liệu(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 27 page ![]() UFBGA Connection Diagram 20093319 TOP VIEW (not to scale) TABLE 1. Ball Assignment Ball # Master Slave Ball # Master Slave A1 D0 D0 D5 NC NC A2 D1 D1 D6 V SScore V SScore A3 D2 D2 D7 V DDcore V DDcore A4 V DDA V DDA E1 D8 D8 A5 INTR CLKDIS* E2 D9 D9 A6 MD1 MD0 E3 NC NC A7 MC MC E4 NC NC B1 D3 D3 E5 NC NC B2 D4 D4 E6 CS1* CS1* B3 D5 D5 E7 PLLCON2 PLLCON2 B4 V SSA V SSA F1 D10 D10 B5 M/S* M/S* F2 D11 D11 B6 Mode Mode F3 D12 D12 B7 MD0 MD1 F4 V SSIO V SSIO C1 D6 D6 F5 MF0 MF0 C2 D7 D7 F6 PLLCON1 PLLCON1 C3 NC NC F7 PD* PD* C4 NC NC G1 D13 D13 C5 NC NC G2 D14 D14 C6 CS2* CS2* G3 D15 D15 C7 MF1 MF1 G4 V DDIO V DDIO D1 V DDIO V DDIO G5 A/D A/D D2 V SSIO V SSIO G6 PLLCON0 PLLCON0 D3 NC NC G7 CLK CLK D4 NC NC NC = Not Connected Note: Three pins are different between Master and Slave configurations - see also Figure 17 www.national.com 2 |