công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79Q021VC bảng dữ liệu(PDF) 36 Page - List of Unclassifed Manufacturers

tên linh kiện AM79Q021VC
Giải thích chi tiết về linh kiện  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q021VC bảng dữ liệu(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button AM79Q021VC Datasheet HTML 32Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 33Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 34Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 35Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 36Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 37Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 38Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 39Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
36
Am79Q02/021/031 Data Sheet
Figure 13. Robbed-Bit Frame
Default Filter Coefficients
The QSLAC device contains an internal set of default
coefficients for the programmable filters. These coeffi-
cients were determined to allow reasonable system
performance for initial power-up non-programmed situ-
ations, such as may exist before a system processor
has opportunity to program any coefficients.
The default filter coefficients are calculated assuming
an Am7920 SLIC with 50
Ω protection resistors, a
178 k
Ω transversal impedance (ZT), and a 90.5 kΩ re-
ceive impedance (ZRX). This SLIC has a transmit gain
of 0.5 (GTX) and a current gain of 500 (K1). The trans-
mit relative level is set to +0.28 dBr, and the receive rel-
ative level is set to –4.39 dBr. The equalization filters (X
and R) are not optimized. The balance filter was de-
signed to give acceptable balance into a variety of im-
pedances. The nominal input impedance was set to
815
Ω. If the SLIC circuit differs significantly from this
design, the default filters cannot be used and must be
replaced by programmed coefficients.
To obtain this above-system response, the default filter
coefficients are set to produce these values:
GX gain = +6 dB, GR gain = –8.984 dB
AX gain = 0 dB, AR gain = 0 dB
R filter: H(z) = 1, X filter: H(z) = 1
Z filter: H(z) = 0, B filter H(z) = 0
AISN = cutoff
Notice that these default coefficient values are retained
in a read-only memory area within the QSLAC device,
and those values cannot be read back using any data
commands. When the device is selected to use default
coefficients, it obtains those values directly from the
read-only memory area, where the coefficient read
operations access the programmable random access
data memory only. If an attempt is made to read back
any filter values without those values first being written
with known programmed data, the values read back
are totally random and do not represent the default or
any other values.
COMMAND DESCRIPTION AND FORMATS
Microprocessor Interface Description
A microprocessor can program and control the QSLAC
device using the MPI. Data programmed previously
can be read out for verification.
Commands assign values to the following channel
parameters:
Transmit time slot
Receive time slot
Transmit clock slot
Receive clock slot
Transmit gain
Receive loss
B-filter coefficients
X-filter coefficients
R-filter coefficients
Z-filter coefficients
AISN coefficient
Read/Write SLIC Input/Output
SLIC Input/Output Direction
Select A-law, µ-law, or linear code
Select Transmit PCM Port A or B or both
Select Receive PCM Port A or B
Programmed/Default B filter
Programmed/Default Z filter
Programmed/Default X filter
Programmed/Default R filter
Programmed/Default GX filter
Programmed/Default GR filter
Enable/disable AX amplifier
Enable/disable AR amplifier
Select test states
Select Active or Inactive (standby) state
Commands are provided to read values from the
following channel monitors:
SLIC status
Transmit PCM data
PCLK
FS
Normal Frame (Not Robbed-Bit)
PCLK
FS
Robbed-Bit Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com