công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79Q021VC bảng dữ liệu(PDF) 28 Page - List of Unclassifed Manufacturers

tên linh kiện AM79Q021VC
Giải thích chi tiết về linh kiện  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q021VC bảng dữ liệu(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button AM79Q021VC Datasheet HTML 24Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 25Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 26Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 27Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 28Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 29Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 30Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 31Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
28
Am79Q02/021/031 Data Sheet
Figure 9. SLIC I/O, E1 Multiplex and Real-Time Data Register Operation
—— CD1B C5
C4
C3 CD2 CD1
DQ
EN/HOLD
CD1
CD2
C3
C4
C5
DQ
EN/HOLD
0
1
Output Latch
I/O Direction
MPI Command 22
Register
EE1 Bit
SLIC Output
Data Register
MPI Command 20
SLIC I/O Register
MPI Command 20,
21
LD Enable
*
Delay
GK Enable
*
E1 Source
E1P
MCLK/E1
MUX
CDB1 CDA1
Real Time
Data Register
(Command 16, 17)
Interrupt Mask
Register
(Command 26, 27)
(Channel 1
Shown)
{Samefor
Channels
2, 3, 4
(CMD 28, 29, Bit 3)
ATI
Ground Key Filter
(time set via
Commands 52, 53)
MCDB1 MCDA1
Debounce
(time set via
Commands 45, 46)
INT
Note:
* Transparent latches: When enable input is high, Q output follows D input. When enable input
goes low, Q output is latched at last state.
(Internal)
See Figure 10
for details
CDA4
CDA3
CDA2
CDB4
CDB3
CDB2
MCDB4 MCDA4 MCDB3 MCDA3 MCDB2 MCDA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com