| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CFA633-RDI-KU bảng dữ liệu(PDF) 27 Page - Crystalfontz America, Inc. |
|
|
|||||||||||||||||||||||||||||
CFA633-RDI-KU bảng dữ liệu(HTML) 27 Page - Crystalfontz America, Inc. |
|
27 / 86 page ![]() Crystalfontz America, Inc. Data Sheet Release Date 2012/02/21 www.crystalfontz.com CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1) February 2012 Page 27 setting of RESET_INVERT. (See command 28 (0x1C): Set ATX Power Switch Functionality (Pg. 52).) This connection is also used for the hardware watchdog. Figure 9. ATX Power Supply and Control Connections Once configured by the host software (see command 28 (0x1C): Set ATX Power Switch Functionality (Pg. 52)), the following functions may be individually enabled: System power on. If POWER-ON SENSE is low (0v), pressing the green check key for 0.25 seconds will turn the unit on by driving POWER CONTROL line for the pulse width set by command 28: Set ATX Power Switch Functionality (1.0 seconds default). 1 +5V I/O J_USB J_PROG PWR D- D+ GND J8 JP8 JPUSBPWR JPGPIO1 TACH GND PWR FAN3 FAN4 7 TACH GND PWR JP7 JPFLPSNS JPGPIO1 CRYSTALFONTZ CFA-633 v2.0 http://www.crystalfontz.com ATX Power Sense JP8 |