công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY28317PVC-2 bảng dữ liệu(PDF) 3 Page - Cypress Semiconductor

tên linh kiện CY28317PVC-2
Giải thích chi tiết về linh kiện  FTG for Mobile VIA PL133T and PLE133T Chipsets
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28317PVC-2 bảng dữ liệu(HTML) 3 Page - Cypress Semiconductor

  CY28317PVC-2 Datasheet HTML 1Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 2Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 3Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 4Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 5Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 6Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 7Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 8Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
CY28317-2
Document #: 38-07094 Rev. *B
Page 3 of 21
VDD_REF,
VDD_PCI,
VDD_SDRAM,
VDD_48MHz
VDD_CPU_3.3
5, 9, 28, 29,
35, 45
P
Power Connection: Power supply for core logic, PLL circuitry, SDRAM outputs,
PCI outputs, reference outputs, 48-MHz output, and 24_48-MHz output. Con-
nect to 3.3V supply.
VDD_CPU_2.5
46
P
Power Connection: Power supply for CPU outputs. Connect to 2.5V supply.
GND_REF,
GND_PCI,
GND_SDRAM,
GND_48MHz,
GND_CPU
1, 6, 12, 23,
32, 38, 42
G
Ground Connections: Connect all ground pins to the common system ground
plane.
Pin Definitions (continued)
Pin Name
Pin No.
Pin Type
Pin Description
Table 1. Swing Select Functions
Mult0
Board Target
Trace/Term Z
Reference R, IREF=
VDD/(3*Rr)
Output Current
VOH @ Z
060
Ω
Rr = 221 1%
IREF = 5.00 mA
IOH = 4*IREF
1.0V @ 50
150
Ω
Rr = 475 1%
IREF = 2.32 mA
IOH = 6*IREF
0.7V @ 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21