| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM186ED-25VC/W bảng dữ liệu(PDF) 13 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM186ED-25VC/W bảng dữ liệu(HTML) 13 Page - Advanced Micro Devices |
|
13 / 88 page ![]() Am186ED/EDLV Microcontrollers 13 PRELI M INARY D RA F T Enhanced Refresh Control Unit The refresh control unit (RCU) is enhanced with two additional bits in the refresh counter to allow for longer refresh periods. The address generated during a refresh has been fixed to FFFFFh. When either bank of DRAM is enabled and the RCU is enabled, a CAS- before-RAS refresh will be generated based on the time period coded into the refresh counter. Option to Overlap DRAM with PCS The peripheral chip selects (PCS0–PCS6) can overlap DRAM blocks with different wait states without external or internal bus contention. The RAS0 or RAS1 will assert along with the appropriate PCS. The UCAS and LCAS will not assert, preventing the DRAM from writing erroneously or driving the data bus during a read. The PCS must have the same or higher number of wait states than the DRAM. The PCS bus width will be determined by the LSIZ or USIZ bus widths as programmed in the AUXCON register. Additional Serial Port Mode for DMA Support of 9-bit Protocols A mode 7 was added to the serial port which enhances the direct memory access (DMA) support for 9-bit protocols. Using mode 2, the serial port can be programmed to interrupt only if the 9th bit is set, ignoring all 9th bit cleared byte receptions. Mode 3 receives all bytes, whether the 9th bit is set or cleared. Mode 7 also receives all bytes whether the 9th bit is set or cleared, but now an interrupt is generated when the 9th bit is set. This allows the DMA to service all receptions, but also allows the CPU to intervene when the trailer (9th bit set) is received. In all modes using DMA, the interrupts other than transmitter ready and character received interrupts can still be generated. This allows the DMA to handle the standard sending and receiving characters while the CPU can intervene when a non-standard event (e.g., framing error) occurs. Option to Boot from 8- or 16-bit Memory The Am186ED/EDLV microcontrollers can boot from 8- or 16-bit-wide non-volatile memory, based on the state of the S2/BTSEL pin. If S2/BTSEL is pulled High or left floating, an internal pullup sets the boot mode option to 16-bit. If S2/BTSEL is pulled resistively Low during reset, the boot mode option is for 8-bit. The status of the S2/BTSEL pin is latched on the rising edge of reset. If the 8-bit boot option is selected, the width of the memory region associated with UCS can be changed in the AUXCON register. This allows for cheaper 8-bit- w i de m emor y t o be used f o r boo tin g th e microcontroller, while speed-critical code and data can be executed from 16-bit-wide lower memory. Eight-bit or 16-bit-wide peripherals can be used in the memory area between LCS and UCS or in the I/O space. The entire memory map can be set to 16-bit or 8-bit or mixed between 8-bit and 16-bit based on the USIZ, LSIZ, MSIZ, and IOSIZ bits in the AUXCON register. Improved External Bus Master Support When the bus is arbitrated away from the Am186ED/ EDLV microcontrollers using the HOLD pin, the chip selects are driven High (negated) and then held High with an internal ~10-kohm pullup. This allows external bus masters to assert the chip selects by externally pulling them Low, without having to combine the chip selects from the Am186ED/EDLV microcontrollers and the external bus master in logic external to the Am186ED/EDLV microcontrollers. This internal pullup is activated for any bus arbitration, even if the pin is being used as a PIO input. PSRAM Controller Removed The PSRAM mode found on the Am186ES/ESLV microcontrollers has been removed and replaced with a DRAM controller. This includes removal of the variant PSRAM LCS timing and refresh strobe on MCS3. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |