công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM186ED-25VC/W bảng dữ liệu(PDF) 28 Page - Advanced Micro Devices

tên linh kiện AM186ED-25VC/W
Giải thích chi tiết về linh kiện  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED-25VC/W bảng dữ liệu(HTML) 28 Page - Advanced Micro Devices

Back Button AM186ED-25VC/W Datasheet HTML 24Page - Advanced Micro Devices AM186ED-25VC/W Datasheet HTML 25Page - Advanced Micro Devices AM186ED-25VC/W Datasheet HTML 26Page - Advanced Micro Devices AM186ED-25VC/W Datasheet HTML 27Page - Advanced Micro Devices AM186ED-25VC/W Datasheet HTML 28Page - Advanced Micro Devices AM186ED-25VC/W Datasheet HTML 29Page - Advanced Micro Devices AM186ED-25VC/W Datasheet HTML 30Page - Advanced Micro Devices AM186ED-25VC/W Datasheet HTML 31Page - Advanced Micro Devices AM186ED-25VC/W Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
28
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
they overlap. The PCS signals take precedence over
DRAM accesses when DRAM and memory-mapped
peripherals overlap.
PCS5 is three-stated and held resistively High during a
bus hold condition. In addition, PCS5 has a weak
internal pullup resistor that is active during reset.
Unlike the UCS and LCS chip selects, the PCS outputs
assert with the multiplexed AD address bus. Note also
that each peripheral chip select asserts over a 256-
byte address range, which is twice the address range
covered by peripheral chip selects in the 80C186 and
80C188 microcontrollers. PCS5 also has extended
wait state options.
A1—When the EX bit in the MCS and PCS auxiliary
register is 0, this pin supplies an internally latched
address bit 1 to the system. During a bus hold
condition, A1 retains its previously latched value.
PCS6/A2/PIO2
Peripheral Chip Select 6 (output, synchronous)
Latched Address Bit 2 (output, synchronous)
PCS6—This pin indicates to the system that a memory
access is in progress to the seventh region of the
peripheral memory block (either I/O or memory
address space). The base address of the peripheral
memory block is programmable.
The PCS chip selects can overlap either block of
DRAM. The PCS chip selects must have the same or
greater number of wait states as the bank of DRAM
they overlap. The PCS signals take precedence over
DRAM accesses when DRAM and memory-mapped
peripherals overlap.
PCS6 is three-stated and held resistively High during a
bus hold condition. In addition, PCS6 has a weak
internal pullup resistor that is active during reset.
Unlike the UCS and LCS chip selects, the PCS outputs
assert with the multiplexed AD address bus. Note also
that each peripheral chip select asserts over a 256-
byte address range, which is twice the address range
covered by peripheral chip selects in the 80C186 and
80C188 microcontrollers. PCS6 also has extended
wait state options.
A2—When the EX bit in the MCS and PCS auxiliary
register is 0, this pin supplies an internally latched
address bit 2 to the system. During a bus hold
condition, A2 retains its previously latched value.
PIO31–PIO0 (Shared)
Programmable I/O Pins (input/output,
asynchronous, open-drain)
The Am186ED/EDLV microcontrollers provide 32
individually programmable I/O pins. Each PIO can be
programmed with the following attributes: PIO function
(enabled/disabled), direction (input/output), and weak
pullup or pulldown. The pins that are multiplexed with
PIO31–PIO0 are listed in Table 2 and Table 3.
After power-on reset, the PIO pins default to various
configurations. The column titled
Power-On Reset
Status in Table 2 and Table 3 lists the defaults for the
PIOs. Most of the PIO pins are configured as PIO
inputs with pullup after power-on reset. The system
initialization code must reconfigure any PIO pins as
required.
The A19–A17 address pins default to normal operation
on power-on reset, allowing the processor to correctly
begin fetching instructions at the boot address
FFFF0h. The DT/R, DEN, and SRDY pins also default
to normal operation on power-on reset. PIO15 and
PIO24 should be set to normal operation before
enabling either bank of DRAM. PIO25 should be set to
normal operation before enabling the upper bank of
DRAM.
RD
Read Strobe (output, synchronous, three-state)
RD—This pin indicates to the system that th e
microcontroller is performing a memory or I/O read
cycle. RD is guaranteed to not be asserted before the
address and data bus is floated during the address-to-
data transition. RD floats during a bus hold condition.
RES
Reset (input, asynchronous, level-sensitive)
This pin requires the microcontroller to perform a reset.
Wh en RE S i s ass e r t e d , th e mi cr oc on tr o l l e r
immediately terminates its present activity, clears its
internal logic, and transfers CPU control to the reset
address, FFFF0h.
RES must be held Low for at least 1 ms.
RES can be asserted asynchronously to CLKOUTA
because RES is synchronized internally. For proper
initialization, VCC must be within specifications, and
CLK O UTA mu st b e s t ab le fo r m o r e th an fo ur
CLKOUTA periods during which RES is asserted.
The microcontroller begins fetching instructions
approximately 6.5 CLKOUTA periods after RES is
deasserted. This input is provided with a Schmitt
trigger to facilitate power-on RES generation via an RC
network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com