| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD25VE32CSIG bảng dữ liệu(PDF) 5 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25VE32CSIG bảng dữ liệu(HTML) 5 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
5 / 63 page ![]() Uniform Sector Dual and Quad Serial Flash GD25VE32C 5 2. GENERAL DESCRIPTION The GD25VE32C (32M-bit) Serial flash supports the standard Serial Peripheral Interface (SPI), and supports the Dual/Quad SPI: Serial Clock, Chip Select, Serial Data I/O0 (SI), I/O1 (SO), I/O2 (WP#), and I/O3 (HOLD#). The Dual I/O data is transferred with speed of 208Mbits/s and the Quad I/O & Quad output data is transferred with speed of 416Mbits/s. CONNECTION DIAGRAM PIN DESCRIPTION Pin Name I/O Description CS# I Chip Select Input SO (IO1) I/O Data Output (Data Input Output 1) WP# (IO2) I/O Write Protect Input (Data Input Output 2) VSS Ground SI (IO0) I/O Data Input (Data Input Output 0) SCLK I Serial Clock Input HOLD# (IO3) I/O Hold Input (Data Input Output 3) VCC Power Supply Note: CS# must be driven high if chip is not selected. Please don’t leave CS# floating any time after power is on. VCC WP# HOLD# VSS SI SO CS# SCLK NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC A B C D E F 4 3 2 1 24-BALL TFBGA (6x4 ball array) Top View VCC WP# HOLD# VSS SI SO CS# SCLK NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC A B C D E 4 3 2 1 24-BALL TFBGA (5x5 ball array) Top View 5 CS# SO WP# VSS Top View VCC HOLD# SCLK SI 8–LEAD SOP/VSOP/DIP 1 2 3 4 5 6 7 8 CS# SO WP# VSS Top View VCC SCLK SI 8–LEAD WSON/USON 1 2 3 4 5 6 7 8 HOLD# |