| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD25VE32CSIG bảng dữ liệu(PDF) 34 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25VE32CSIG bảng dữ liệu(HTML) 34 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
34 / 63 page ![]() Uniform Sector Dual and Quad Serial Flash GD25VE32C 34 7.24. Dual I/O Read Manufacture ID/ Device ID (92H) The Dual I/O Read Manufacturer/Device ID command is an alternative to the Release from Power-Down / Device ID command that provides both the JEDEC assigned Manufacturer ID and the specific Device ID by dual I/O. The command is initiated by driving the CS# pin low and shifting the command code “92H” followed by a 24-bit address (A23-A0) of 000000H. After which, the Manufacturer ID and the Device ID are shifted out on the falling edge of SCLK with most significant bit (MSB) first as shown in Figure29. If the 24-bit address is initially set to 000001H, the Device ID will be read first. Figure 29. Dual I/O Read Manufacture ID/ Device ID Sequence Diagram Command 0 1 2 3 4 5 6 7 92H CS# SCLK SI(IO0) SO(IO1) 8 9 10 11 12 13 14 15 6 4 2 0 6 4 2 0 16 17 18 19 20 21 22 23 6 4 2 0 6 4 2 0 7 5 3 1 7 5 3 1 7 5 3 1 7 5 3 1 A23-16 A15-8 A7-0 M7-0 CS# 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 SI(IO0) SO(IO1) 6 4 2 0 6 4 2 0 6 4 2 0 6 4 2 0 7 5 3 1 7 5 3 1 7 5 3 1 7 5 3 1 SCLK MFR ID Device ID 40 41 42 43 6 4 2 0 7 5 3 1 44 45 46 47 6 4 2 0 7 5 3 1 MFR ID (Repeat) Device ID (Repeat) MFR ID (Repeat) Device ID (Repeat) |