công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLD200 bảng dữ liệu(PDF) 1 Page - Wavelength Electronics, Inc.

tên linh kiện PLD200
Giải thích chi tiết về linh kiện  Laser Diode Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WAVELENGTH [Wavelength Electronics, Inc.]
Trang chủ  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLD200 bảng dữ liệu(HTML) 1 Page - Wavelength Electronics, Inc.

  PLD200 Datasheet HTML 1Page - Wavelength Electronics, Inc. PLD200 Datasheet HTML 2Page - Wavelength Electronics, Inc. PLD200 Datasheet HTML 3Page - Wavelength Electronics, Inc. PLD200 Datasheet HTML 4Page - Wavelength Electronics, Inc. PLD200 Datasheet HTML 5Page - Wavelength Electronics, Inc. PLD200 Datasheet HTML 6Page - Wavelength Electronics, Inc. PLD200 Datasheet HTML 7Page - Wavelength Electronics, Inc. PLD200 Datasheet HTML 8Page - Wavelength Electronics, Inc. PLD200 Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
ORDERING INFORMATION
PART NO
DESCRIPTION
PLD200
200 mA Laser Diode Driver
PLD500
500 mA Laser Diode Driver
PLD1250
1.25 A Laser Diode Driver
PLD5000
5.0 A Laser Diode Driver
PLD6500
6.5 A Laser Diode Driver
PLDEVAL
Evaluation board for PCB-mounted
PLD drivers
RELIABILITY YOU CAN TRUST
The PLD Series Laser Diode Drivers deliver the reliability and
performance you expect from a Wavelength Electronics laser
driver in a compact and easy-to-integrate package. Tens of
thousands of PLD drivers are deployed in particle counters,
manufacturing vision systems, wavefront scanners, fiber
aligners, and other laser systems around the world, proving
beyond doubt the reliability and stability of the design.
DESIGNED FOR EASY INTEGRATION
The PLD drivers operate from a single 5 V power supply. To
accommodate high compliance lasers, or multiple stacked
lasers, the PLD laser diode drivers allow the laser to be
driven from a separate power supply up to 30 V.
LASER SAFETY FEATURES
Built-in safety features make your product more robust
to real world operating conditions: latching current limit
switches off the output if the current limit is reached; slow
start circuit ramps the output current; and a mechanical
shorting relay protects the laser from ESD events.
Long-term reliability means better up-time, fewer service
calls, and more customers who are satisfied with your
products.
HIGH OUTPUT CURRENT
The PLD Series is available up to 12.5 A drive current.
Check our website, or call and ask for information about
the PLD10000 and PLD12500.
FEATURES AND BENEFITS
• Models: 200 mA, 500 mA, 1.25 A, 5 A, and 6.5 A
• Operates from a 5 VDC supply
• Separate power supply can be used to drive
high-compliance lasers up to 28 V
• Constant Current or Constant Power modes
• Safety features protect your laser
»
Adjustable latching current limit
»
Slow-start circuitry
»
Relay shorts output when current is disabled
• Local and Remote Power-On and Enable controls
• Integral heatsink and fan on high current models
CONTENTS
QUICK CONNECT GUIDE
2
PIN DESCRIPTIONS
5
ELECTRICAL SPECIFICATIONS
6
SAFETY INFORMATION
7
OPERATING INSTRUCTIONS
8
ADDITIONAL TECHNICAL INFORMATION
14
TROUBLESHOOTING
19
MECHANICAL SPECIFICATIONS
20
CERTIFICATION AND WARRANTY
21
e
PAGE
Pb
RoHS
Applies to Product Revisions A – H
© May 2019
406-587-4910
www.teamWavelength.com
PLD Series
Laser Diode Drivers
DATASHEET AND OPERATING GUIDE


Số phần tương tự - PLD200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wavelength Electronics,...
PLD200 WAVELENGTH-PLD200 Datasheet
115Kb / 5P
TEST LOAD BASICS
January, 2014
PLD200 WAVELENGTH-PLD200 Datasheet
1Mb / 21P
Laser Diode Drivers
December 2020
PLD200 WAVELENGTH-PLD200 Datasheet
278Kb / 2P
Declaration of Conformity
September-2022
More results

Mô tả tương tự - PLD200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zarlink Semiconductor I...
ZL40510 ZARLINK-ZL40510 Datasheet
1Mb / 30P
Dual Output DVD and CD 4 Channel Laser Diode Drivers
logo
Maxim Integrated Produc...
MAX9483 MAXIM-MAX9483 Datasheet
650Kb / 15P
Dual-Output, Multimode CD-RW/DVD Laser-Diode Drivers
Rev 0; 5/04
logo
Zarlink Semiconductor I...
ZL40511 ZARLINK-ZL40511 Datasheet
3Mb / 30P
Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510 ZARLINK-ZL40510_06 Datasheet
1Mb / 30P
Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40511 ZARLINK-ZL40511_06 Datasheet
1Mb / 30P
Dual Output DVD and CD 4 Channel Laser Diode Drivers
logo
Maxim Integrated Produc...
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
10.7Gbps Laser Diode Drivers
Rev 3; 3/02
logo
Intersil Corporation
ISL58315 INTERSIL-ISL58315 Datasheet
89Kb / 2P
High Speed Triple Laser Diode Drivers
September 30, 2011
logo
NICHIA CORPORATION
NDVA416T NICHIA-NDVA416T Datasheet
185Kb / 3P
Laser Diode
logo
Analog Technologies, In...
ATLS212DLDV1.0 ANALOGTECHNOLOGIES-ATLS212DLDV1.0 Datasheet
310Kb / 6P
Load Assembly for Laser Drivers
1/26/2022
logo
Renesas Technology Corp
ISL58315 RENESAS-ISL58315 Datasheet
200Kb / 2P
High Speed Triple Laser Diode Drivers
September 30, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com