công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IP178G bảng dữ liệu(PDF) 46 Page - List of Unclassifed Manufacturers

tên linh kiện IP178G
Giải thích chi tiết về linh kiện  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G bảng dữ liệu(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 42Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 43Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 44Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 45Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 46Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 47Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 48Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 49Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
IP178G
Data Sheet
46 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
MMD register 7.60 of PHY0~7 (Each PHY has its own MMD register 7.60 with different PHY address)
PHY
MII
R/W
Description
Default
0~7
7.60.4
RO
1000BASE-KX EEE
1 = Advertise that the 1000BASE-KX has EEE capability
0 = Do not advertise that the 1000BASE-KX has EEE capability
0
0~7
7.60.3
RO
10GBASE-T EEE
1 = Advertise that the 10GBASE-T has EEE capability
0 = Do not advertise that the 10GBASE-T has EEE capability
0
0~7
7.60.2
RO
1000BASE-T EEE
1 = Advertise that the 1000BASE-T has EEE capability
0 = Do not advertise that the 1000BASE-T has EEE capability
0
0~7
7.60.1
R/W
100BASE-TX EEE
1 = Advertise that the 100BASE-TX has EEE capability
0 = Do not advertise that the 100BASE-TX has EEE capability
1
0~7
7.60.0
RO
Reserved
Ignore when read
0
MMD register 7.61 of PHY0~7 (Each PHY has its own MMD register 7.61 with different PHY address)
PHY
MII
R/W
Description
Default
EEE link partner ability
0~7
7.61[15:7]
RO
Reserved
Ignore when read
0
0~7
7.61.6
RO
10GBASE-KR EEE
1 = Link partner is advertising EEE capability for 10GBASE-KR
0 = Link partner is not advertising EEE capability for 10GBASE-KR
0
0~7
7.61.5
RO
10GBASE-KX4 EEE
1 = Link partner is advertising EEE capability for 10GBASE-KX4
0 = Link partner is not advertising EEE capability for 10GBASE-KX4
0
0~7
7.61.4
RO
1000BASE-KX EEE
1 = Link partner is advertising EEE capability for 1000BASE-KX
0 = Link partner is not advertising EEE capability for 1000BASE-KX
0
0~7
7.61.3
RO
10GBASE-T EEE
1 = Link partner is advertising EEE capability for 10GBASE-T
0 = Link partner is not advertising EEE capability for 10GBASE-T
0
0~7
7.61.2
RO
1000BASE-T EEE
1 = Link partner is advertising EEE capability for 1000BASE-T
0 = Link partner is not advertising EEE capability for 1000BASE-T
0
0~7
7.61.1
RO
100BASE-TX EEE
1 = Link partner is advertising EEE capability for 100BASE-TX
0 = Link partner is not advertising EEE capability for 100BASE-TX
0
0~7
7.61.0
RO
Reserved
Ignore when read
0
The other Registers are reserved registers. User is inhibited to access to these registers. It may
introduce abnormal function to write these registers.
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76