| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAMC21 bảng dữ liệu(PDF) 16 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAMC21 bảng dữ liệu(HTML) 16 Page - ATMEL Corporation |
|
16 / 46 page ![]() Table 4-3. Extension Header EXT3 Pin on EXT3 SAM C21 pin Function Shared functionality 1 [ID] - - Communication line to the ID chip on an extension board. 2 [GND] - - Ground. 3 [ADC(+)] PB07 AIN9/INP2 Shield 4 [ADC(-)] PB06 AIN8/INN2 Shield 5 [GPIO1] PB04 GPIO Shield 6 [GPIO2] PB05 GPIO Shield 7 [PWM(+)] PA14 TC4/WO0 Crystal footprint 8 [PWM(-)] PA15 TC4/WO1 User LED and Crystal footprint 9 [IRQ/GPIO] PA28 IRQ8/GPIO User Button and EDBG GPIO3 10 [SPI_SS_B/GPIO] PA27 GPIO Shield 11 [TWI_SDA] PA12 SERCOM2 PAD[0] I2C SDA EXT1, EXT2, Shield, Crypto Device, and EDBG I2C 12 [TWI_SCL] PA13 SERCOM2 PAD[1] I2C SCL EXT1, EXT2, Shield, Crypto Device, and EDBG I2C 13 [USART_RX] PA23 SERCOM3 PAD[1] UART RX EXT1, EXT2, and Shield 14 [USART_TX] PA22 SERCOM3 PAD[0] UART TX EXT1, EXT2, and Shield 15 [SPI_SS_A] PA02 GPIO DAC Header 16 [SPI_MOSI] PB00 SERCOM5 PAD[2] SPI MOSI EXT2, Shield, Shield(2), and EDBG SPI 17 [SPI_MISO] PB02 SERCOM5 PAD[0] SPI MISO EXT2, Shield, Shield(2), and EDBG SPI 18 [SPI_SCK] PB01 SERCOM5 PAD[3] SPI SCK EXT2, Shield, Shield(2), and EDBG SPI 19 [GND] - - Ground. 20 [VCC] - - Power for extension board. 4.2.2. Arduino Connectors SAM C21 Xplained Pro implements Arduino shield connectors based on the Arduino Uno. All references to Arduino pin names are taken from the official Arduino schematics of the Arduino Uno. Atmel SAM C21 Xplained Pro [USER GUIDE] Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016 16 |