| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAMC21 bảng dữ liệu(PDF) 15 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAMC21 bảng dữ liệu(HTML) 15 Page - ATMEL Corporation |
|
15 / 46 page ![]() Table 4-2. Extension Header EXT2 Pin on EXT2 SAM C21 pin Function Shared functionality 1 [ID] - - Communication line to the ID chip on an extension board. 2 [GND] - - Ground. 3 [ADC(+)] PA08 AIN10 Shield 4 [ADC(-)] PA09 AIN11 Shield 5 [GPIO1] PA10 GPIO - 6 [GPIO2] PA11 GPIO - 7 [PWM(+)] PB30 TCC0/WO0 Shield 8 [PWM(-)] PB31 TCC0/WO1 Shield 9 [IRQ/GPIO] PB16 IRQ0/GPIO EDBG GPIO1 10 [SPI_SS_B/GPIO] PB17 GPIO EDBG GPIO2 11 [TWI_SDA] PA12 SERCOM2 PAD[0] I2C SDA EXT1, EXT3, Shield, Crypto Device, and EDBG I2C 12 [TWI_SCL] PA13 SERCOM2 PAD[1] I2C SCL EXT1, EXT3, Shield, Crypto Device, and EDBG I2C 13 [USART_RX] PA23 SERCOM3 PAD[1] UART RX EXT1, EXT3, and Shield 14 [USART_TX] PA22 SERCOM3 PAD[0] UART TX EXT1, EXT3, and Shield 15 [SPI_SS_A] PB03 SERCOM5 PAD[1] SPI SS 16 [SPI_MOSI] PB00 SERCOM5 PAD[2] SPI MOSI EXT3, Shield, Shield(2), and EDBG SPI 17 [SPI_MISO] PB02 SERCOM5 PAD[0] SPI MISO EXT3, Shield, Shield(2), and EDBG SPI 18 [SPI_SCK] PB01 SERCOM5 PAD[3] SPI SCK EXT3, Shield, Shield(2), and EDBG SPI 19 [GND] - - Ground. 20 [VCC] - - Power for extension board. Atmel SAM C21 Xplained Pro [USER GUIDE] Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016 15 |