công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD5F1GQ4REZJS bảng dữ liệu(PDF) 42 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD5F1GQ4REZJS
Giải thích chi tiết về linh kiện  SPI(x1/x2/x4) NAND Flash
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4REZJS bảng dữ liệu(HTML) 42 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4REZJS Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REZJS Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REZJS Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REZJS Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REZJS Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REZJS Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REZJS Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REZJS Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REZJS Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
SPI(x1/x2/x4) NAND Flash
1G
42
13.2 Block Protection
The block lock feature provides the ability to protect the entire device, or ranges of blocks, from the PROGRAM and
ERASE operations. After power-up, the device is in the
“locked” state, i.e., feature bits BP0, BP1and BP2 are set to 1, INV,
CMP and BRWD are set to 0. To unlock all the blocks, or a range of blocks, the SET FEATURES command must be issued
to alter the state of protection feature bits. When BRWD is set and WP# is LOW, none of the writable protection feature
bits can be set. Also, when a PROGRAM/ERASE command is issued to a locked block, status bit OIP remains 0. When an
ERASE command is issued to a locked block, the erase failure, 04H, is returned. When a PROGRAM command is issued
to a locked block, program failure, 08h, is returned.
Table13-2. Block Lock Register Block Protect Bits
CMP
INV
BP2
BP1
BP0
Protect Rows
Protect Rows
1G
x
x
0
0
0
NONE
None
—all unlocked
0
0
0
0
1
FC00h ~ FFFFh
Upper 1/64 locked
0
0
0
1
0
F800h ~ FFFFh
Upper 1/32 locked
0
0
0
1
1
F000h ~ FFFFh
Upper 1/16 locked
0
0
1
0
0
E000h ~ FFFFh
Upper 1/8 locked
0
0
1
0
1
C000h ~ FFFFh
Upper 1/4 locked
0
0
1
1
0
8000h ~ FFFFh
Upper 1/2 locked
x
x
1
1
1
0000h ~ FFFFh
All locked (default)
0
1
0
0
1
0000h ~ 03FFh
Lower 1/64 locked
0
1
0
1
0
0000h ~ 07FFh
Lower 1/32 locked
0
1
0
1
1
0000h ~ 0FFFh
Lower 1/16 locked
0
1
1
0
0
0000h ~ 1FFFh
Lower 1/8 locked
0
1
1
0
1
0000h ~ 3FFFh
Lower 1/4 locked
0
1
1
1
0
0000h ~ 7FFFh
Lower 1/2 locked
1
0
0
0
1
0000h ~ FBFFh
Lower 63/64 locked
1
0
0
1
0
0000h ~ F7FFh
Lower 31/32 locked
1
0
0
1
1
0000h ~ EFFFh
Lower 15/16 locked
1
0
1
0
0
0000h ~ DFFFh
Lower 7/8 locked
1
0
1
0
1
0000h ~ BFFFh
Lower 3/4 locked
1
0
1
1
0
0000h ~ 003Fh
Block0
1
1
0
0
1
0400h ~ FFFFh
Upper 63/64 locked
1
1
0
1
0
0800h ~ FFFFh
Upper 31/32 locked
1
1
0
1
1
1000h ~ FFFFh
Upper 15/16 locked
1
1
1
0
0
2000h ~ FFFFh
Upper 7/8 locked
1
1
1
0
1
4000h ~ FFFFh
Upper 3/4 locked
1
1
1
1
0
0000h ~ 003Fh
Block0
When WP# is not LOW, user can issue bellows commands to alter the protection states as want.
• Issue SET FEATURES register write (1FH)
• Issue the feature bit address (A0h) and the feature bits combination as the table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com