công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD5F1GQ4REZJS bảng dữ liệu(PDF) 30 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD5F1GQ4REZJS
Giải thích chi tiết về linh kiện  SPI(x1/x2/x4) NAND Flash
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4REZJS bảng dữ liệu(HTML) 30 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4REZJS Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REZJS Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REZJS Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REZJS Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REZJS Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REZJS Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REZJS Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REZJS Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REZJS Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
SPI(x1/x2/x4) NAND Flash
1G
30
10 PROGRAM OPERATIONS
10.1 Page Program
The PAGE PROGRAM operation sequence programs 1 byte to 2176 bytes of data within a page. The page program
sequence is as follows:
• 02H (PROGRAM LOAD)/32H (PROGRAM LOAD x4)
• 06H (WRITE ENABLE)
• 10H (PROGRAM EXECUTE)
• 0FH (GET FEATURE command to read the status)
Firstly, a PROGRAM LOAD (02H/32H) command is issued. PROGRAM LOAD consists of an 8-bit Op code, followed by 4
dummy bits and a 12-bit column address, then the data bytes to be programmed. The data bytes are loaded into a cache
register that is 2176 bytes long. If more than 2176 bytes are loaded, then those additional bytes are ignored by the cache
register. The command sequence ends when CS# goes from LOW to HIGH. Figure10-1 shows the PROGRAM LOAD
operation. Secondly, prior to performing the PROGRAM EXECUTE operation, a WRITE ENABLE (06H) command must
be issued. As with any command that changes the memory contents, the WRITE ENABLE must be executed in order to
set the WEL bit. If this command is not issued, then the rest of the program sequence is ignored.
Note:
1.
The contents
of Cache Register doesn’t reset when Program Load (02h) command, Program Random Load (84h)
command and RESET (FFh) command.
2.
When Program Execute (10h) command was issued just after Program Load (02h) command, SPI-NAND controller
outputs 0xFF data to the NAND for the address that data was not loaded by Program Load (02h) command.
3.
When Program Execute (10h) command was issued just after Program Load Random Data (84h) command,
SPI-NAND controller outputs contents of Cache Register to the NAND.
4.
The addressing should be done in sequential order in a block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com