công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC16C554B bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện SC16C554B
Giải thích chi tiết về linh kiện  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554B bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  SC16C554B Datasheet HTML 1Page - NXP Semiconductors SC16C554B Datasheet HTML 2Page - NXP Semiconductors SC16C554B Datasheet HTML 3Page - NXP Semiconductors SC16C554B Datasheet HTML 4Page - NXP Semiconductors SC16C554B Datasheet HTML 5Page - NXP Semiconductors SC16C554B Datasheet HTML 6Page - NXP Semiconductors SC16C554B Datasheet HTML 7Page - NXP Semiconductors SC16C554B Datasheet HTML 8Page - NXP Semiconductors SC16C554B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
2 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
s Standard asynchronous error and framing bits (Start, Stop, and Parity Overrun Break)
s Transmit, Receive, Line Status, and Data Set interrupts independently controlled
s Fully programmable character formatting:
x 5, 6, 7, or 8-bit characters
x Even, Odd, or No-Parity formats
x 1, 11
⁄
2, or 2-stop bit
x Baud generation (DC to 5 Mbit/s)
s False start-bit detection
s Complete status reporting capabilities
s 3-state output TTL drive capabilities for bi-directional data bus and control bus
s Line break generation and detection
s Internal diagnostic capabilities:
x Loop-back controls for communications link fault isolation
s Prioritized interrupt system controls
s Modem control functions (CTS, RTS, DSR, DTR, RI, CD).
3.
Ordering information
Table 1:
Ordering information
Type number
Package
Name
Description
Version
SC16C554DBIA68
PLCC68
plastic leaded chip carrier; 68 leads
SOT188-2
SC16C554DBIB64
LQFP64
plastic low profile quad flat package; 64 leads; body 10
× 10 × 1.4 mm
SOT314-2
SC16C554BIB64
LQFP64
plastic low profile quad flat package; 64 leads; body 10
× 10 × 1.4 mm
SOT314-2
SC16C554BIB80
LQFP80
plastic low profile quad flat package; 80 leads; body 12
× 12 × 1.4 mm
SOT315-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com