công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC16C554B bảng dữ liệu(PDF) 49 Page - NXP Semiconductors

tên linh kiện SC16C554B
Giải thích chi tiết về linh kiện  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554B bảng dữ liệu(HTML) 49 Page - NXP Semiconductors

Back Button SC16C554B Datasheet HTML 43Page - NXP Semiconductors SC16C554B Datasheet HTML 44Page - NXP Semiconductors SC16C554B Datasheet HTML 45Page - NXP Semiconductors SC16C554B Datasheet HTML 46Page - NXP Semiconductors SC16C554B Datasheet HTML 47Page - NXP Semiconductors SC16C554B Datasheet HTML 48Page - NXP Semiconductors SC16C554B Datasheet HTML 49Page - NXP Semiconductors SC16C554B Datasheet HTML 50Page - NXP Semiconductors SC16C554B Datasheet HTML 51Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
49 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
[4]
These packages are not suitable for wave soldering. On versions with the heatsink on the bottom side, the
solder cannot penetrate between the printed-circuit board and the heatsink. On versions with the heatsink
on the top side, the solder might be deposited on the heatsink surface.
[5]
If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave
direction. The package footprint must incorporate solder thieves downstream and at the side corners.
[6]
Wave soldering is suitable for LQFP, QFP and TQFP packages with a pitch (e) larger than 0.8 mm; it is
definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
[7]
Wave soldering is suitable for SSOP, TSSOP, VSO and VSSOP packages with a pitch (e) equal to or larger
than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
[8]
Image sensor packages in principle should not be soldered. They are mounted in sockets or delivered
pre-mounted on flex foil. However, the image sensor package can be mounted by the client on a flex foil by
using a hot bar soldering process. The appropriate soldering profile can be provided on request.
[9]
Hot bar soldering or manual soldering is suitable for PMFP packages.
13. Abbreviations
14. Revision history
Table 28:
Abbreviations
Acronym
Description
CPU
Central Processing Unit
DMA
Direct Memory Access
FIFO
First In/First Out
ISDN
Integrated Service Digital Network
QUART
4-channel (Quad) Universal Asynchronous Receiver and Transmitter
UART
Universal Asynchronous Receiver and Transmitter
Table 29:
Revision history
Document ID
Release date
Data sheet status
Change notice
Doc. number
Supersedes
SC16C554B_554DB_1
20050209
Product data sheet
-
9397 750 13133
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com