| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSU8RF3421 bảng dữ liệu(PDF) 74 Page - Core Technology (Shenzhen) Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
CSU8RF3421 bảng dữ liệu(HTML) 74 Page - Core Technology (Shenzhen) Co., Ltd. |
|
74 / 131 page ![]() CSU8RF3421/CSU8RF3422/CSU8RF3423 R Re ev v..1 1..2 2 第 第 7744 页 页, ,共 共 113311 页 页 3.8.2 转换时间 表 48 转换时间说明表(1) CLKDIV (2) CALIF SRADCKS SRADACKS AD 转换时间 (3) 指令周 期=4 个 时钟周 期 0 01 00 1/ ( (16MHz / 4) / 2) × (12 + 0 + 16) = 14us 01 1/ ( (16MHz / 4) / 2) × (12 + 0 + 8) = 10us 10 00 1/ ( (16MHz / 4) / 4) × (12 + 0 + 16) = 28us 01 1/ ( (16MHz / 4) / 4) × (12 + 0 + 8) = 20us 10 1/ ( (16MHz / 4) / 4) × (12 + 0 + 4) = 16us 11 00 1/ ( (16MHz / 4) / 8) × (12 + 0 + 16) = 56us 01 1/ ( (16MHz / 4) / 8) × (12 + 0 + 8) = 40us 10 1/ ( (16MHz / 4) / 8) × (12 + 0 + 4) = 32us 11 1/ ( (16MHz / 4) / 8) × (12 + 0 + 2) = 28us 1 01 00 1/ ( (16MHz / 4) / 2) × (12 + 1 + 16) = 14.5us 01 1/ ( (16MHz / 4) / 2) × (12 + 1 + 8) = 10.5us 10 00 1/ ( (16MHz / 4) / 4) × (12 + 1 + 16) = 29us 01 1/ ( (16MHz / 4) / 4) × (12 + 1 + 8) = 21us 10 1/ ( (16MHz / 4) / 4) × (12 + 1 + 4) = 17us 11 00 1/ ( (16MHz / 4) / 8) × (12 + 1 + 16) = 58us 01 1/ ( (16MHz / 4) / 8) × (12 + 1 + 8) = 42us 10 1/ ( (16MHz / 4) / 8) × (12 + 1 + 4) = 34us 11 1/ ( (16MHz / 4) / 8) × (12 + 1 + 2) = 30us 指令周 期=8 个 时钟周 期 0 00 00 1/ ( (16MHz / 8) / 1) × (12 + 0 + 16) = 14us 01 1/ ( (16MHz / 8) / 1) × (12 + 0 + 8) = 10us 01 00 1/ ( (16MHz / 8) / 2) × (12 + 0 + 16) = 28us 01 1/ ( (16MHz / 8) / 2) × (12 + 0 + 8) = 20us 10 1/ ( (16MHz / 8) / 2) × (12 + 0 + 4) = 16us 10 00 1/ ( (16MHz / 8) / 4) × (12 + 0 + 16) = 56us 01 1/ ( (16MHz / 8) / 4) × (12 + 0 + 8) = 40us 10 1/ ( (16MHz / 8) / 4) × (12 + 0 + 4) = 32us 11 1/ ( (16MHz / 8) / 4) × (12 + 0 + 2) = 24us 11 00 1/ ( (16MHz / 8) / 8) × (12 + 0 + 16) = 112us 01 1/ ( (16MHz / 8) / 8) × (12 + 0 + 8) = 80us 10 1/ ( (16MHz / 8) / 8) × (12 + 0 + 4) = 64us 11 1/ ( (16MHz / 8) / 8) × (12 + 0 + 2) = 56us 1 00 00 1/ ( (16MHz / 8) / 1) × (12 + 1 + 16) = 14.5us 01 1/ ( (16MHz / 8) / 1) × (12 + 1 + 8) = 10.5us 01 00 1/ ( (16MHz / 8) / 2) × (12 + 1 + 16) = 29us 01 1/ ( (16MHz / 8) / 2) × (12 + 1 + 8) = 21us 10 1/ ( (16MHz / 8) / 2) × (12 + 1 + 4) = 17us 10 00 1/ ( (16MHz / 8) / 4) × (12 + 1 + 16) = 58us 01 1/ ( (16MHz / 8) / 4) × (12 + 1 + 8) = 42us 10 1/ ( (16MHz / 8) / 4) × (12 + 1 + 4) = 34us 11 1/ ( (16MHz / 8) / 4) × (12 + 1 + 2) = 30us 12 位 AD 转换时间=(1/ADC 时钟频率)× (12+ADC 输入信号获取时间+CALIF) |