| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM5728 bảng dữ liệu(PDF) 146 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 bảng dữ liệu(HTML) 146 Page - Texas Instruments |
|
146 / 415 page ![]() 146 AM5729, AM5728, AM5726 SPRS953F – DECEMBER 2015 – REVISED MAY 2019 www.ti.com Submit Documentation Feedback Product Folder Links: AM5729 AM5728 AM5726 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-26. PRU-ICSS Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL BOTTOM pr2_pru0_gpo13 PRU0 General-Purpose Output O B7/ F15 pr2_pru0_gpo14 PRU0 General-Purpose Output O B8/ B19 pr2_pru0_gpo15 PRU0 General-Purpose Output O A7/ C17 pr2_pru0_gpo16 PRU0 General-Purpose Output O A8/ C15 pr2_pru0_gpo17 PRU0 General-Purpose Output O C9/ A16 pr2_pru0_gpo18 PRU0 General-Purpose Output O A9/ A19 pr2_pru0_gpo19 PRU0 General-Purpose Output O B9/ A18 pr2_pru0_gpo20 PRU0 General-Purpose Output O A10/ F14 pr2_pru0_gpi0 PRU0 General-Purpose Input I G11/ AC5 pr2_pru0_gpi1 PRU0 General-Purpose Input I E9/ AB4 pr2_pru0_gpi2 PRU0 General-Purpose Input I F9/ AD4 pr2_pru0_gpi3 PRU0 General-Purpose Input I F8/ AC4 pr2_pru0_gpi4 PRU0 General-Purpose Input I E7/ AC7 pr2_pru0_gpi5 PRU0 General-Purpose Input I E8/ AC6 pr2_pru0_gpi6 PRU0 General-Purpose Input I D9/ AC9 pr2_pru0_gpi7 PRU0 General-Purpose Input I D7/ AC3 pr2_pru0_gpi8 PRU0 General-Purpose Input I D8/ AC8 pr2_pru0_gpi9 PRU0 General-Purpose Input I A5/ AD6 pr2_pru0_gpi10 PRU0 General-Purpose Input I C6/ AB8 pr2_pru0_gpi11 PRU0 General-Purpose Input I C8/ AB5 pr2_pru0_gpi12 PRU0 General-Purpose Input I C7/ B18 pr2_pru0_gpi13 PRU0 General-Purpose Input I B7/ F15 pr2_pru0_gpi14 PRU0 General-Purpose Input I B8/ B19 pr2_pru0_gpi15 PRU0 General-Purpose Input I A7/ C17 pr2_pru0_gpi16 PRU0 General-Purpose Input I A8/ C15 pr2_pru0_gpi17 PRU0 General-Purpose Input I C9/ A16 pr2_pru0_gpi18 PRU0 General-Purpose Input I A9/ A19 pr2_pru0_gpi19 PRU0 General-Purpose Input I B9/ A18 pr2_pru0_gpi20 PRU0 General-Purpose Input I A10/ F14 pr2_pru1_gpo0 PRU1 General-Purpose Output O V1/ D17 pr2_pru1_gpo1 PRU1 General-Purpose Output O U4/ AA3 pr2_pru1_gpo2 PRU1 General-Purpose Output O U3/ AB9 pr2_pru1_gpo3 PRU1 General-Purpose Output O V2/ AB3 pr2_pru1_gpo4 PRU1 General-Purpose Output O Y1/ AA4 pr2_pru1_gpo5 PRU1 General-Purpose Output O W9/ D18 pr2_pru1_gpo6 PRU1 General-Purpose Output O V9/ E17 pr2_pru1_gpo7 PRU1 General-Purpose Output O V7/ C14 pr2_pru1_gpo8 PRU1 General-Purpose Output O U7/ G12 pr2_pru1_gpo9 PRU1 General-Purpose Output O V6/ F12 pr2_pru1_gpo10 PRU1 General-Purpose Output O U6/ B12 pr2_pru1_gpo11 PRU1 General-Purpose Output O U5/ A11 pr2_pru1_gpo12 PRU1 General-Purpose Output O V5/ B13 pr2_pru1_gpo13 PRU1 General-Purpose Output O V4/ A12 pr2_pru1_gpo14 PRU1 General-Purpose Output O V3/ E14 pr2_pru1_gpo15 PRU1 General-Purpose Output O Y2/ A13 pr2_pru1_gpo16 PRU1 General-Purpose Output O W2/ G14 pr2_pru1_gpo17 PRU1 General-Purpose Output O E11 |