công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM5728 bảng dữ liệu(PDF) 124 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM5728
Giải thích chi tiết về linh kiện  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 bảng dữ liệu(HTML) 124 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 120Page - Texas Instruments AM5728 Datasheet HTML 121Page - Texas Instruments AM5728 Datasheet HTML 122Page - Texas Instruments AM5728 Datasheet HTML 123Page - Texas Instruments AM5728 Datasheet HTML 124Page - Texas Instruments AM5728 Datasheet HTML 125Page - Texas Instruments AM5728 Datasheet HTML 126Page - Texas Instruments AM5728 Datasheet HTML 127Page - Texas Instruments AM5728 Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 415 page
background image
124
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
NOTE
I2C1 and I2C2 do NOT support HS-mode.
Table 4-10. I2C Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Inter-Integrated Circuit Interface 1 (I2C1)
i2c1_scl
I2C1 Clock
IOD
C20
i2c1_sda
I2C1 Data
IOD
C21
Inter-Integrated Circuit Interface 2 (I2C2)
i2c2_scl
I2C2 Clock
IOD
F17
i2c2_sda
I2C2 Data
IOD
C25
Inter-Integrated Circuit Interface 3 (I2C3)
i2c3_scl
I2C3 Clock
IOD
P7/ D14/ AB4/ F20
i2c3_sda
I2C3 Data
IOD
N1/ C14/ AC5/ E21
Inter-Integrated Circuit Interface 4 (I2C4)
i2c4_scl
I2C4 Clock
IOD
R6/ J14/ A21/ Y9
i2c4_sda
I2C4 Data
IOD
T9/ B14/ C18/ W7
Inter-Integrated Circuit Interface 5 (I2C5)
i2c5_scl
I2C5 Clock
IOD
AB9/ P6/ F12
i2c5_sda
I2C5 Data
IOD
AA3/ R9/ G12
4.4.8
HDQ / 1-Wire Interface (HDQ1W)
NOTE
For more information, see the Serial Communication Interface / HDQ/1-Wire section of the
device TRM.
Table 4-11. HDQ / 1-Wire Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
hdq0
HDQ or 1-wire protocol single interface pin
IOD
D18/ C23
4.4.9
Universal Asynchronous Receiver Transmitter (UART)
NOTE
For more information see the Serial Communication Interface / UART/IrDA/CIR section of the
device TRM.
Table 4-12. UART Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Universal Asynchronous Receiver/Transmitter 1 (UART1)
uart1_dcdn
UART1 Data Carrier Detect active low
I
D28
uart1_dsrn
UART1 Data Set Ready Active Low
I
D26
uart1_dtrn
UART1 Data Terminal Ready Active Low
O
D27
uart1_rin
UART1 Ring Indicator
I
C28
uart1_rxd
UART1 Receive Data
I
B27
uart1_txd
UART1 Transmit Data
O
C26
uart1_ctsn
UART1 clear to send active low
I
E25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More