công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC3203SETRC bảng dữ liệu(PDF) 12 Page - Semtech Corporation

tên linh kiện SC3203SETRC
Giải thích chi tiết về linh kiện  3A EcoSpeed짰 Step-Down Regulator with Power Save
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3203SETRC bảng dữ liệu(HTML) 12 Page - Semtech Corporation

Back Button SC3203SETRC Datasheet HTML 8Page - Semtech Corporation SC3203SETRC Datasheet HTML 9Page - Semtech Corporation SC3203SETRC Datasheet HTML 10Page - Semtech Corporation SC3203SETRC Datasheet HTML 11Page - Semtech Corporation SC3203SETRC Datasheet HTML 12Page - Semtech Corporation SC3203SETRC Datasheet HTML 13Page - Semtech Corporation SC3203SETRC Datasheet HTML 14Page - Semtech Corporation SC3203SETRC Datasheet HTML 15Page - Semtech Corporation SC3203SETRC Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SC3203
12
Synchronous Buck Converter
The SC3203 is a step down synchronous buck DC-DC regu-
lator. The device supports 3A operation at high efficiency
in an SOIC-8 package.The buck regulator employs pseudo-
fixed frequency adaptive on-time control. The 500kHz
operating frequency enables the user to optimize the
design for minimal board space and optimum efficiency.
The adaptive on-time control provides fast transient
response and allows reduced size for the power filter.
Input Voltage Range
The SC3203 operates over the input range of 9V to 16V. The
internal LDO generates a fixed 5V output that provides bias
power for the device.
Adaptive On-time Control
The pseudo-fixed frequency, adaptive on-time control is
shown in Figure 1. The ripple voltage generated at the
output capacitor is divided down by the feedback resistor
network and used as a PWM ramp signal. When the FB pin
falls to the FB threshold a single on-time pulse for the
high-side mosfet Q1 is triggered.
Q1
Q2
L
COUT
CIN
VOUT
FB Threshold
VFB
VLX
VLX
TO N
FB
VIN
SC3203
VIN
PGND
LX
RTOP
C TOP
RBOT
Figure 1 — Adaptive On-time Control
One-Shot Timer and Operating Frequency
When the FB pin falls to the FB Threshold (750mV), the
device sends a single on-time pulse to the high-side
mosfet.
The on-time pulse width is determined by the DC voltage
of LX and by V
IN. The pulse width is proportional to the
DC voltage of LX and inversely proportional to the input
voltage. With this adaptive on-time design, the device
automatically anticipates the on-time needed to regulate
V
OUT for the present VIN condition. The on-time is approxi-
mated by the following equation:
When the on-time completes, the low-side mosfet Q2
(Figure 1) is turned on. Q2 must stay on for the minimum
off-time of 260nsec, and remains on until one of the fol-
lowing occurs:
V
FB falls below the 750mV reference. If this
occurs, Q2 turns off and Q1 turns on for another
high-side on-time.
If operating in PSAVE mode, Q2 turns off if the
inductor current falls to zero. If the FB pin is
above the 750mV reference, both Q2 and Q1
remain off, and the output current is supplied
by the output capacitor.
V
OUT Voltage Selection
The output voltage is regulated by comparing the voltage
at the FB pin to the internal 750mV reference voltage, see
Figure 2.
VOUT
To FB pin
Rbot
Rtop
CTOP
49.9Ω
Figure 2 — Output Voltage Selection
•
•
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com