công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CC128M16IP-DIH bảng dữ liệu(PDF) 3 Page - Nanya Technology Corporation.

tên linh kiện NT5CC128M16IP-DIH
Giải thích chi tiết về linh kiện  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC128M16IP-DIH bảng dữ liệu(HTML) 3 Page - Nanya Technology Corporation.

  NT5CC128M16IP-DIH Datasheet HTML 1Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 2Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 3Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 4Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 5Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 6Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 7Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 8Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 9Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 162 page
background image
Version 2.1
3
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Descriptions
The 2Gb Double-Data-Rate-3 (DDR3(L)) is double data rate architecture to achieve high-speed operation. It is
internally configured as an eight bank DRAMs.
The 2Gb chip is organized as 32Mbit x 8 I/Os x 8 banks or 16Mbit x 16 I/Os x 8 bank devices. These
synchronous devices achieve high speed double-data-rate transfer rates of up to 1866 Mb/sec/pin for general
applications.
The chip is designed to comply with all key DDR3(L) DRAM key features and all of the control and address
inputs are synchronized with a pair of externally supplied differential clocks. Inputs are latched at the cross
point of differential clocks (CK rising and  falling). All I/Os are synchronized with a single ended DQS or
differential DQS pair in a source synchronous fashion.
These devices operate with a single 1.5V ± 0.075V or 1.35V -0.067V/+0.1V power supply and are available in
BGA packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com