công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CC128M16IP-DIH bảng dữ liệu(PDF) 6 Page - Nanya Technology Corporation.

tên linh kiện NT5CC128M16IP-DIH
Giải thích chi tiết về linh kiện  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC128M16IP-DIH bảng dữ liệu(HTML) 6 Page - Nanya Technology Corporation.

Back Button NT5CC128M16IP-DIH Datasheet HTML 2Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 3Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 4Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 5Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 6Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 7Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 8Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 9Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 10Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 162 page
background image
Version 2.1
6
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
NT
NANYA
Technology
5C
Product Family
5C = DDR3 SDRAM
B
256M8
I
N
DI
NANYA Component Part Numbering Guide
Organization (Depth , Width)
128M 16 = 256M 8 = 2Gb
Note:
M= Mono
Device Version
I = 9
th Version
Speed
DDR3 SDRAM
DI = DDR3 - 1600 11-11-11
EK = DDR3 - 1866 13-13-13
Special Type Option
Package Code
RoHS + Halogen Free
N=78 -Ball VFBGA
P=96 -Ball VFBGA
Interface & Power ( VDD & VDDQ)
B =
SSTL_ 15
(1.5V , 1.5V)
C =
SSTL_135 (1.35V , 1.35V)
FL = DDR3- 2133 14-14-14
NA = Commercial Grade
T = Quasi industrial Grade
I = Industrial Grade
H = Automotive Grade2
A = Automotive Grade3
B = Reduced Standby
Operating frequency
The backward compatibility of each speed grade is listed in a table below. If an application operates at specific frequency
which is not defined herein but within the highest and the lowest supporting grade, then the comparative loose
specifications to DRAM must be adopted from the neighboring defined speed bins. Pls confirm notices with NTC for
operating frequency slower than defined speed bins.
Frequency[Mbps]
2133
1866
1600
1333
1066
800
CL[nCK]
14
13
11
9 or 10
7 or 8
6
VDD[V]
1.5
1.35
1.5
1.35
1.5
1.35
1.5
1.35
1.5
1.5
DDR3-FL
2133
1866
1600
1333
1066
800
DDR3-EK
N/A
N/A
1866
1600
1333
1066
800
DDR3-DI
N/A
N/A
N/A
1600
1333
1066
800
DDR3L-EK
N/A
1866
1600
1333
1066
800
DDR3L-DI
N/A
N/A
1600
1333
1066
800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com