| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NM1482KSLAXCL bảng dữ liệu(PDF) 46 Page - Nanya Technology Corporation. |
|
|
|||||||||||||||||||||||||||||
NM1482KSLAXCL bảng dữ liệu(HTML) 46 Page - Nanya Technology Corporation. |
|
46 / 121 page ![]() Version 1.6 46 Nanya Technology Corp. 05/2018 All Rights Reserved. © 4Gb SLC NAND + 2Gb LPDDR2 NM148(F)2KSLAXCL/NM1482NSLAXCL NTC Proprietary Level: Property 3rd ID Data Item Description I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0 Internal Chip Number 1 2 4 8 0 0 1 1 0 1 0 1 Cell Type 2 Level Cell 4 Level Cell 8 Level Cell 16 Level Cell 0 0 1 1 0 1 0 1 Reserved 1 0 0 1 4th ID Data Item Description I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0 Page Size (without redundant area) 1 KB 2 KB 4 KB 8 KB 0 0 1 1 0 1 0 1 Block Size (without redundant area) 64 KB 128 KB 256 KB 512 KB 0 0 1 1 0 1 0 1 I/O Width X8 X16 0 1 Reserved 0 0 1 5th ID Data Item Description I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0 Plane Number 1 Plane 2 Plane 4 Plane 8 Plane 0 0 1 1 0 1 0 1 Reserved 0 1 1 1 1 0 |