công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NM1482KSLAXCL bảng dữ liệu(PDF) 59 Page - Nanya Technology Corporation.

tên linh kiện NM1482KSLAXCL
Giải thích chi tiết về linh kiện  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL bảng dữ liệu(HTML) 59 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 55Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 56Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 57Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 58Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 59Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 60Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 61Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 62Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 63Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 121 page
background image
Version 1.6
59
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
(17)Reliability Guidance
This reliability guidance is intended to notify some guidance related to using NAND flash with 8bit ECC for each
512 bytes. For detailed reliability data, please refer to TOSHIBA’s reliability note.
Although random bit errors may occur during use, it does not necessarily mean that a block is bad.
Generally, a block should be marked as bad when a program status failure or erase status failure is detected.
The other failure modes may be recovered by a block erase.
ECC treatment for read data is mandatory due to the following Data Retention and Read Disturb failures.
 Write/Erase Endurance
Write/Erase endurance failures may occur in a cell, page, or block, and are detected by doing a status read
after either an auto program or auto block erase operation. The cumulative bad block count will increase
along with the number of write/erase cycles.
 Data Retention
The data in memory may change after a certain amount of storage time. This is due to charge loss or charge
gain. After block erasure and reprogramming, the block may become usable again.
Here is the combined characteristics image of Write/Erase Endurance and Data Retention.
 Read Disturb
A read operation may disturb the data in memory. The data may change due to charge gain. Usually, bit
errors occur on other pages in the block, not the page being read. After a large number of read cycles
(between block erases), a tiny charge may build up and can cause a cell to be soft programmed to another
state. After block erasure and reprogramming, the block may become usable again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com