công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NM148F2KSLAXCL bảng dữ liệu(PDF) 37 Page - Nanya Technology Corporation.

tên linh kiện NM148F2KSLAXCL
Giải thích chi tiết về linh kiện  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM148F2KSLAXCL bảng dữ liệu(HTML) 37 Page - Nanya Technology Corporation.

Back Button NM148F2KSLAXCL Datasheet HTML 33Page - Nanya Technology Corporation. NM148F2KSLAXCL Datasheet HTML 34Page - Nanya Technology Corporation. NM148F2KSLAXCL Datasheet HTML 35Page - Nanya Technology Corporation. NM148F2KSLAXCL Datasheet HTML 36Page - Nanya Technology Corporation. NM148F2KSLAXCL Datasheet HTML 37Page - Nanya Technology Corporation. NM148F2KSLAXCL Datasheet HTML 38Page - Nanya Technology Corporation. NM148F2KSLAXCL Datasheet HTML 39Page - Nanya Technology Corporation. NM148F2KSLAXCL Datasheet HTML 40Page - Nanya Technology Corporation. NM148F2KSLAXCL Datasheet HTML 41Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 121 page
background image
Version 1.6
37
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
Internal addressing in relation with the Districts
To use Multi Page Program operation, the internal addressing should be considered in relation with the
District.
• The device consists from 2 Districts.
• Each District consists from 1024 erase blocks.
• The allocation rule is follows.
District 0: Block 0, Block 2, Block 4, Block 6,···, Block 2046
District 1: Block 1, Block 3, Block 5, Block 7,···, Block 2047
Address input restriction for the Multi Page Program with Data Cache operation
There are following restrictions in using Multi Page Program with Data Cache;
(Restriction)
Maximum one block should be selected from each District.
Same page address (PA0 to PA5) within two districts has to be selected.
For example;
(80) [District 0, Page Address 0x00000] (11) (81) [District 1, Page Address 0x00040] (15 or 10)
(80) [District 0, Page Address 0x00001] (11) (81) [District 1, Page Address 0x00041] (15 or 10)
(Acceptance)
There is no order limitation of the District for the address input.
For example, following operation is accepted;
(80) [District 0] (11) (81) [District 1] (15 or 10)
(80) [District 1] (11) (81) [District 0] (15 or 10)
It requires no mutual address relation between the selected blocks from each District.
Operating restriction during the Multi Page Program with Data Cache operation
(Restriction)
The operation has to be terminated with “10h” command.
Once the operation is started, no commands other than the commands shown in the timing diagram is allowed
to be input except for Status Read command and reset command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com