công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9112A bảng dữ liệu(PDF) 34 Page - STMicroelectronics

tên linh kiện TDA9112A
Giải thích chi tiết về linh kiện  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A bảng dữ liệu(HTML) 34 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 30Page - STMicroelectronics TDA9112A Datasheet HTML 31Page - STMicroelectronics TDA9112A Datasheet HTML 32Page - STMicroelectronics TDA9112A Datasheet HTML 33Page - STMicroelectronics TDA9112A Datasheet HTML 34Page - STMicroelectronics TDA9112A Datasheet HTML 35Page - STMicroelectronics TDA9112A Datasheet HTML 36Page - STMicroelectronics TDA9112A Datasheet HTML 37Page - STMicroelectronics TDA9112A Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
TDA9112A
34/60
VExtrDet, VPol, HVPol). The device is equipped
with an automatic mode (switched on or off by
VSyncAuto I²C-bus bit) that also uses the detec-
tion information.
Figure 2. Horizontal sync signal
9.2.2
Sync. presence detection flags
The sync. signal presence detection flags in the
status register (VDet, HVDet, VExtrDet) do not
show in real time the presence or absence of cor-
responding sync. signal. They are latched to 1 as
soon as a single sync. pulse is detected. In order
to reset them to 0 (all at once), a 1 must be written
into SDetReset I²C-bus bit, the reset action taking
effect with ACK bit of the I²C-bus transfer to the
register containing SDetReset bit. The detection
circuits are ready to capture another event (pulse).
See Note 68.
Figure 3. Extraction of V-sync signal from H/V-sync signal
9.2.3
MCU controlled sync. selection mode
I²C-bus bit VSyncAuto is set to 0. The MCU reads
the polarity and signal presence detection flags,
after setting the SDetReset bit to 1 and an appro-
priate delay, to obtain a true information of the sig-
nals applied, reads and evaluates this information
and controls the vertical signal selector according-
ly. The MCU has no access to polarity inverters,
they are controlled automatically.
See also chapter Chapter 8 - page 27.
9.2.4
Automatic sync. selection mode
I²C-bus bit VSyncAuto is set to 1. In this mode, the
device itself controls the I²C-bus bits switching the
polarity inverters (HVPol, VPol) and the vertical
sync. signal selector (VSyncSel), using the infor-
mation provided by the detection circuitry. If both
extracted and pure vertical sync. signals are
present, the one already selected is maintained.
No intervention of the MCU is necessary.
Positive
Negative
TH
tPulseHSyn
H/V-sync
Integration
Extracted
TH
V-sync
Internal
tPulseHSyn
textrV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com