công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9112A bảng dữ liệu(PDF) 28 Page - STMicroelectronics

tên linh kiện TDA9112A
Giải thích chi tiết về linh kiện  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A bảng dữ liệu(HTML) 28 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 24Page - STMicroelectronics TDA9112A Datasheet HTML 25Page - STMicroelectronics TDA9112A Datasheet HTML 26Page - STMicroelectronics TDA9112A Datasheet HTML 27Page - STMicroelectronics TDA9112A Datasheet HTML 28Page - STMicroelectronics TDA9112A Datasheet HTML 29Page - STMicroelectronics TDA9112A Datasheet HTML 30Page - STMicroelectronics TDA9112A Datasheet HTML 31Page - STMicroelectronics TDA9112A Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
TDA9112A
28/60
Note 65: With exception of
HDUTY and BREF adjustments data that can take effect instantaneously if switches
HDutySyncV and B+SyncV are at 0, respectively.
Note 66: In Read Mode, the device always outputs data of the status register, regardless of sub address previously
selected.
Note 67: The TV, TH, TVM and THM bits are for testing purposes and must be kept at 0 by application.
10
HSIZE
Horizontal size
1
0
000
00
0
11
Reserved
PCAC
Pin cushion asymmetry correction
1
000
00
0
12
Reserved
PARAL
Parallelogram correction
1
000
00
0
13
Reserved
TCAC
Top corner asymmetry correction
1
000
00
0
14
Reserved
BCAC
Bottom corner asymmetry correction
1
000
00
0
15
VDyCorPol
0: ”
∪"
VDC-AMP
Vertical dynamic correction
1
000
00
0
16
XRayReset
0: No effect
1: Reset
VSyncAuto
1: On
VSyncSel
0:Comp
1:Sep
SDetReset
0: No effect
1: Reset
PLL1Pump
1,1: Fastest
0,0: Slowest
PLL1InhEn
1: On
HLockEn
1: On
17
TV
0: Off(67)
TH
0: Off(67)
TVM
0: Off(67)
THM
0: Off(67)
BOHEdge
0: Falling
HBOutEn
0: Disable
VOutEn
0: Disable
BlankMode
1: Perm.
18
Reserved
0:
HVDC-HSHAP
HVDyCor horizontal shape
0
000
00
0
19
Reserved
0:
EWSC
East-West S-correction
1
000
00
0
1A
Reserved
0:
EWWC
East-West W-correction
1
000
00
0
1B
Reserved
0:
HEHTG
Horizontal EHT compensation gain
0
000
00
0
1C
Reserved
0:
VEHTG
Vertical EHT compensation gain
0
000
00
0
1D
Reserved
0:
VSAG
Vertical size after-gain
1
110
00
0
1E
Reserved
0:
VPOF
Vertical position offset
1
000
00
0
1F
ThrBlsense
0: High
BMute
0: Off
BSafeEn
0: Disable
EWTrHSize
0: Tracking
Ident
0: No effect
HLockSpeed
0: Slow
HVDyCorPol
0: ”
∪"
HDCFlatEn
0: Disable
READ MODE (SLAVE ADDRESS = 8D)
XX(66
)
HLock
0: Locked
1: Not locked
VLock
0: Locked
1: Not lock.
XRayAlarm
1: On
0: Off
Polarity detection
Sync detection
HVPol
1: Negative
VPol
1: Negative
VExtrDet
0: Not det.
HVDet
0: Not det.
VDet
0: Not det.
Table 8. I²C-bus control registers
Sad
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com