công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WAS4646 bảng dữ liệu(PDF) 3 Page - Will Semiconductor Ltd.

tên linh kiện WAS4646
Giải thích chi tiết về linh kiện  MIPI D-PHY 2.5Gbps, 4-Channel Differential, 2:1 Lane Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WILLSEMI [Will Semiconductor Ltd.]
Trang chủ  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WAS4646 bảng dữ liệu(HTML) 3 Page - Will Semiconductor Ltd.

  WAS4646 Datasheet HTML 1Page - Will Semiconductor Ltd. WAS4646 Datasheet HTML 2Page - Will Semiconductor Ltd. WAS4646 Datasheet HTML 3Page - Will Semiconductor Ltd. WAS4646 Datasheet HTML 4Page - Will Semiconductor Ltd. WAS4646 Datasheet HTML 5Page - Will Semiconductor Ltd. WAS4646 Datasheet HTML 6Page - Will Semiconductor Ltd. WAS4646 Datasheet HTML 7Page - Will Semiconductor Ltd. WAS4646 Datasheet HTML 8Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
WAS4646C
Will Semiconductor Ltd.
3
Sep, 2018 - Rev. 1.1
Absolute maximum ratings
Parameter
Symbol
Value.
Unit
Supply Voltage
VCC
-0.5~6.0
V
DC Input Voltage (/OE, SEL) (1)
VCTRL
-0.5~ VCC
V
DC Switch I/O Voltage (1,2)
VSW
-0.3~ VCC
V
DC Input Diode Current
ILK
50(Min.)
mA
DC Output Current
IOUT
25(Max.)
mA
Storage Temperature
TSTG
-65~+150
°C
Human Body Model, JEDEC: JESD22-A114 All Pins
ESD
4.0
kV
Charged Device Model, JEDEC: JESD22-C101
2.0
kV
IEC 61000-4-2 System
(VCC to VSS)
Contact
8
kV
Air Gap
15
kV
Recommend operating ratings
Parameter
Symbol
Value.
Unit
Supply Voltage
VCC
1.6~5.0
V
Control Input Voltage (SEL, /OE) (3)
VCTRL
0~ VCC
V
Switch I/O Voltage
(A,B,C)CLK(P,N),(A,B,C)LNn(P,N)
VSW
-HS Mode
0~0.3
V
-LP Mode
0~1.3
V
Operating Temperature
TA
-40~+85
°C
Note:
1)
“Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating
and operation of the device at these or any other conditions beyond those indicated in the operational
sections of this specification is not implied.
2)
The input and output negative voltage ratings may be exceeded if the input and output diode current
ratings are observed.
3)
Control input (/OE, SEL) must be held high or Low, it must not float.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com