công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSM82C51A-2JS bảng dữ liệu(PDF) 10 Page - OKI electronic componets

tên linh kiện MSM82C51A-2JS
Giải thích chi tiết về linh kiện  UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OKI [OKI electronic componets]
Trang chủ  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C51A-2JS bảng dữ liệu(HTML) 10 Page - OKI electronic componets

Back Button MSM82C51A-2JS Datasheet HTML 6Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 7Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 9Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 10Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 11Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 12Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 13Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10/26
¡ Semiconductor
MSM82C51A-2RS/GS/JS
TXRDY (output terminal)
This is an output terminal which indicates that the MSM82C51A-2 is ready to accept a
transmitted data character. But the terminal is always at low level if CTS = high or the device
was set in “TX disable status” by a command.
Note:
TXRDY status word indicates that transmit data character is receivable,
regardless
of CTS or command.
If the CPU writes a data character, TXRDY will be reset by the leading edge or WR
signal.
TXEMPTY (Output terminal)
This is an output terminal which indicates that the MSM82C51A-2 has transmitted all the
characters and had no data character.
In “synchronous mode,” the terminal is at high level, if transmit data characters are no longer
remaining and sync characters are automatically transmitted. If the CPU writes a data
character, TXEMPTY will be reset by the leading edge of WR signal.
Note : As the transmitter is disabled by setting CTS “High” or command, data written
before disable will be sent out. Then TXD and TXEMPTY will be “High”.
Even if a data is written after disable, that data is not sent out and TXE will be
“High”.After
the transmitter is enabled, it sent out. (Refer to Timing Chart of
Transmitter Control and Flag
Timing)
TXC (Input terminal)
This is a clock input signal which determines the transfer speed of transmitted data.
In “synchronous mode,” the baud rate will be the same as the frequency of TXC.
In “asynchronous mode”, it is possible to select the baud rate factor by mode instruction.
It can be 1, 1/16 or 1/64 the TXC.
The falling edge of TXC sifts the serial data out of the MSM82C51A-2.
RXD (input terminal)
This is a terminal which receives serial data.
RXRDY (Output terminal)
This is a terminal which indicates that the MSM82C51A-2 contains a character that is ready to
READ.
If the CPU reads a data character, RXRDY will be reset by the leading edge of RD signal.
Unless the CPU reads a data character before the next one is received completely, the preceding
data will be lost. In such a case, an overrun error flag status word will be set.
RXC (Input terminal)
This is a clock input signal which determines the transfer speed of received data.
In “synchronous mode,” the baud rate is the same as the frequency of RXC.
In “asynchronous mode,” it is possible to select the baud rate factor by mode instruction.
It can be 1, 1/16, 1/64 the RXC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com