| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSM82C51A-2JS bảng dữ liệu(PDF) 8 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM82C51A-2JS bảng dữ liệu(HTML) 8 Page - OKI electronic componets |
|
8 / 26 page ![]() 8/26 ¡ Semiconductor MSM82C51A-2RS/GS/JS Status Word It is possible to see the internal status of MSM82C51A-2 by reading a status word. The bit configuration of status word is shown in Fig. 5. Same as terminal. Refer to "Explanation" of Terminals. DSR D7 SYNDET /BD D6 FE D5 OE D4 PE D3 TXEMPTY D2 RXRDY D1 TXRDY D0 Parity Different from TXRDY Terminal. Refer to "Explanation" of TXRDY Terminals. 1ºParity Error 1ºOverrun Error 1ºFraming Error Note: Shows Terminal DSR 1ºDSR = 0 0ºDSR = 1 Only asynchronous mode. Stop bit cannot be detected. Fig. 5 Bit Configuration of Status Word Standby Status It is possible to put the MSM82C51A-2 in “standby status” When the following conditions have been satisfied the MSM82C51A-2 is in “standby status.” (1) CS terminal is fixed at Vcc level. (2) Input pins other CS , D0 to D7, RD, WR and C/D are fixed at Vcc or GND level (including SYNDET in external synchronous mode). Note: When all output currents are 0, ICCS specification is applied. |