| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSM82C37B-5VJS bảng dữ liệu(PDF) 13 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM82C37B-5VJS bảng dữ liệu(HTML) 13 Page - OKI electronic componets |
|
13 / 34 page ![]() 13/33 ¡ Semiconductor MSM82C37B-5RS/GS/VJS Symbol Pin Name Input/Output Function End of Process EOP Input/Output EOP is active-low bidirectional three-state signal. Unlike other pins, this pin is an N-channel open drain. During DMA operations, a low-level output pulse is obtained from this pin if the channel word count changes from 0000H to FFFFH. And DMA transfers can be terminated by pulling the EOP input to low level. Both of these actions are called terminal count (TC). Hold Request HRQ Output HRQ is active-high signal used as an output of hold request to the CPU for system data bus control purposes. After HRQ has become active, at least one clock cycle is required before HLDA becomes active. Address Enable AEN Output AEN is active-high ouput signal used to indicate that output signals sent from the MSM82C37B-5 to the system are valid. And in addition to enabling external latch to hold the eight higher order bits of the transfer address, this signal is also used to disable other system bus buffers. DMA Acknowledge 0 - 3 Channels DACK0 - DACK3 Output DACK is output signals used to indicate that DMA transfer to peripheral devices has been permitted. (Available in each channel.) Although these pins are switched to active-low when reset, they can be programmed to become active-high. Address 0 - 3 A0 - A3 Input/Output A0 - A3 is bidirectional three-state signals used as input signals for specifying the MSM82C37B-5 internal register to be accessed by the CPU during idle cycles, and as an output the four lower order bits of the transfer address during active cycles. Address 4 - 7 A4 - A7 Output A4 - A7 is three-state signals used as an output the four higher order bits of the transfer address during active cycles. Note that there is no DACK output signal during memory-memory transfers. When internal or external EOP is generated, the MSM82C37B-5 terminates the transfer and resets the DMA request. When the EOP pin is not used, it is necessary to hold the pin at high level by pull-up resistor to prevent the input of an EOP by error. Also note that the EOP function cannot be satisfied in cascade mode. Memory Read MEMR Output MEMR is active-low three-state output signal used as a control signal in reading data from memory during read transfers and memory-memory transfers. Memory Write MEMW Output MEMW is active-low three-state output signal used as a control signal in writing data into memory during write transfers and memory-memory transfers. Address Strobe ADSTB Output ADSTB is active-high signal used to strobe the eight higher order bits of the transfer address by external latch. PIN FUNCTIONS (continued) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |