| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F636TE/SSQTP bảng dữ liệu(PDF) 83 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F636TE/SSQTP bảng dữ liệu(HTML) 83 Page - Microchip Technology |
|
83 / 196 page ![]() © 2005 Microchip Technology Inc. Preliminary DS41232B-page 81 PIC12F635/PIC16F636/639 11.14.2 INACTIVITY TIMER The Inactivity Timer is used to automatically return the AFE to Standby mode, if there is no input signal. The time-out period is approximately 16 ms (TINACT), based on the 32 kHz internal clock. The purpose of the Inactivity Timer is to minimize AFE current draw by automatically returning the AFE to the lower current Standby mode, if there is no input signal for approximately 16 ms. The timer is reset when: • An amplitude change in LF input signal, either high-to-low or low-to-high •CS pin is low (any SPI™ command) • Timer-related Soft Reset The timer starts when: • AFE receives any LF signal The timer causes an AFE Soft Reset when: • A previously received LF signal does not change either high-to-low or low-to-high for TINACT The Soft Reset returns the AFE to Standby mode where most of the analog circuits, such as the AGC, demodulator and RC oscillator, are powered down. This returns the AFE to the lower Standby Current mode. 11.14.3 ALARM TIMER The Alarm Timer is used to notify the MCU that the AFE is receiving LF signal that does not pass the output enable filter requirement. The time-out period is approximately 32 ms (TALARM) in the presence of continuing noise. The Alarm Timer time-out occurs if there is an input signal for longer than 32 ms that does not meet the output enable filter requirements. The Alarm Timer time-out causes: a) The ALERT pin to go low. b) The ALARM bit to set in the AFE Status Configuration 7 register (Register 11-8). The MCU is informed of the Alarm timer time-out by monitoring the ALERT pin. If the Alarm timer time-out occurs, the MCU can take appropriate actions such as lowering channel sensitivity or disabling channels. If the noise source is ignored, the AFE can return to a lower standby current draw state. The timer is reset when the: •CS pin is low (any SPI command). • Output enable filter is disabled. • LFDATA pin is enabled (signal passed output enable filter). The timer starts when: • Receiving a LF signal. The timer causes a low output on the ALERT pin when: • Output enable filter is enabled and modulated input signal is present for TALARM, but does not pass the output enable filter requirement. 11.14.4 PULSE WIDTH TIMER The Pulse Width Timer is used to verify that the received output enable sequence meets both the minimum TOEH and minimum TOEL requirements. 11.14.5 PERIOD TIMER The Period Timer is used to verify that the received output enable sequence meets the maximum TOET requirement. 11.14.6 AGC SETTLING TIMER (TAGC) This timer is used to keep the output enable filter in Reset while the AGC settles on the input signal. The time-out period is approximately 3.5 ms. At end of this time (TAGC), the input should remain high (TPAGC), otherwise the counting is aborted and a Soft Reset is issued. See Figure 11-6 for details. Note: The Alarm timer is disabled if the output enable filter is disabled. Note 1: The AFE needs continuous and uninterrupted high input signal during AGC settling time (TAGC). Any absence of signal during this time may reset the timer and a new input signal is needed for AGC settling time, or may result in improper AGC gain settings which will produce invalid output. 2: The rest of the AFE section wakes up if any of these input channels receive the AGC settling time correctly. AFE Status Register 7 bits <4:2> (Register 11-8) indicate which input channels have waken up the AFE first. Valid input signal on multiple input pins can cause more than one channel's indicator bit to be set. |