| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F636TE/SSQTP bảng dữ liệu(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F636TE/SSQTP bảng dữ liệu(HTML) 27 Page - Microchip Technology |
|
27 / 196 page ![]() © 2005 Microchip Technology Inc. Preliminary DS41232B-page 25 PIC12F635/PIC16F636/639 2.2.2.6 PCON Register The Power Control (PCON) register (see Table 12-3) contains flag bits to differentiate between a: • Power-on Reset (POR) • Wake-up Reset (WUR) • Brown-out Detect (BOD) • Watchdog Timer Reset (WDT) • External MCLR Reset The PCON register also controls the Ultra Low-Power Wake-up and software enable of the BOD. The PCON register bits are shown in Register 2-6. REGISTER 2-6: PCON – POWER CONTROL REGISTER (ADDRESS: 8Eh) U-0 U-0 R/W-0 R/W-1 R/W-x U-0 R/W-0 R/W-x — — ULPWUE SBODEN(1) WUR —POR BOD bit 7 bit 0 bit 7-6 Unimplemented: Read as ‘0’ bit 5 ULPWUE: Ultra Low-Power Wake-up Enable bit 1 = Ultra Low-Power Wake-up enabled 0 = Ultra Low-Power Wake-up disabled bit 4 SBODEN: Software BOD Enable bit(1) 1 = BOD enabled 0 = BOD disabled bit 3 WUR: Wake-up Reset Status bit 1 = No Wake-up Reset occurred 0 = A Wake-up Reset occurred (must be set in software after a Power-on Reset occurs) bit 2 Unimplemented: Read as ‘0’ bit 1 POR: Power-on Reset Status bit 1 = No Power-on Reset occurred 0 = A Power-on Reset occurred (must be set in software after a Power-on Reset occurs) bit 0 BOD: Brown-out Detect Status bit 1 = No Brown-out Detect occurred 0 = A Brown-out Detect occurred (must be set in software after a Brown-out Detect occurs) Note 1: BODEN<1:0> = 01 in the Configuration Word register for SBODEN to control the Brown-out Detect module. Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ - n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown |