công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC12F635E/SL bảng dữ liệu(PDF) 87 Page - Microchip Technology

tên linh kiện PIC12F635E/SL
Giải thích chi tiết về linh kiện  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635E/SL bảng dữ liệu(HTML) 87 Page - Microchip Technology

Back Button PIC12F635E/SL Datasheet HTML 83Page - Microchip Technology PIC12F635E/SL Datasheet HTML 84Page - Microchip Technology PIC12F635E/SL Datasheet HTML 85Page - Microchip Technology PIC12F635E/SL Datasheet HTML 86Page - Microchip Technology PIC12F635E/SL Datasheet HTML 87Page - Microchip Technology PIC12F635E/SL Datasheet HTML 88Page - Microchip Technology PIC12F635E/SL Datasheet HTML 89Page - Microchip Technology PIC12F635E/SL Datasheet HTML 90Page - Microchip Technology PIC12F635E/SL Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 85
PIC12F635/PIC16F636/639
11.15 Configurable Output Enable Filter
The purpose of this filter is to enable the LFDATA output
and wake the microcontroller only after receiving a
specific sequence of pulses on the LC input pins.
Therefore, it prevents the AFE from waking up the
microcontroller due to noise or unwanted input signals.
The circuit compares the timing of the demodulated
header waveform with a pre-defined value, and enables
the demodulated LFDATA output when a match occurs.
The output enable filter consists of a high (TOEH) and
low duration (TOEL) of a pulse immediately after the
AGC settling gap time. The selection of high and low
times further implies a max period time. The output
enable high and low times are determined by SPI
interface programming. Figure 11-5 and Figure 11-6
show the output enable filter waveforms.
There should be no missing cycles during TOEH.
Missing cycles may result in failing the output enable
condition.
FIGURE 11-5:
OUTPUT ENABLE FILTER TIMING
Data Packet
t
≥ TOEH
t
≥ TOEL
Required Output Enable Sequence
LFDATA output is enabled
on this rising edge
t
≤ TOET
Demodulator
Output
TGAP
AFE Wake-up
and AGC Stabilization
Start bit
AGC
Gap Pulse
(TAGC + TPAGC)
TSTAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com