công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC12F635E/SL bảng dữ liệu(PDF) 65 Page - Microchip Technology

tên linh kiện PIC12F635E/SL
Giải thích chi tiết về linh kiện  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635E/SL bảng dữ liệu(HTML) 65 Page - Microchip Technology

Back Button PIC12F635E/SL Datasheet HTML 61Page - Microchip Technology PIC12F635E/SL Datasheet HTML 62Page - Microchip Technology PIC12F635E/SL Datasheet HTML 63Page - Microchip Technology PIC12F635E/SL Datasheet HTML 64Page - Microchip Technology PIC12F635E/SL Datasheet HTML 65Page - Microchip Technology PIC12F635E/SL Datasheet HTML 66Page - Microchip Technology PIC12F635E/SL Datasheet HTML 67Page - Microchip Technology PIC12F635E/SL Datasheet HTML 68Page - Microchip Technology PIC12F635E/SL Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 63
PIC12F635/PIC16F636/639
7.3
Comparator Configuration
There are eight modes of operation for the comparators.
The CMCON0 register is used to select these modes.
Figure 7-3 and Figure 7-4 show the eight possible
modes. The TRISA and TRISC registers control the data
direction of the comparator output pins for each mode. If
the Comparator mode is changed, the comparator
output level may not be valid for the specified mode
change delay shown in Section 15.0 “Electrical
Specifications”.
FIGURE 7-3:
COMPARATOR I/O OPERATING MODES FOR PIC12F635
Note:
Comparator interrupts should be disabled
during
a
Comparator
mode
change.
Otherwise, a false interrupt may occur.
Comparator Reset (POR Default Value – Low Power)
Comparator Off (Lowest Power)(1)
CM<2:0> = 000
CM<2:0> = 111
Comparator without Output
Comparator w/o Output and with Internal Reference
CM<2:0> = 010
CM<2:0> = 100
Comparator with Output and Internal Reference
Multiplexed Input with Internal Reference and Output
CM<2:0> = 011
CM<2:0> = 101
Comparator with Output
Multiplexed Input with Internal Reference
CM<2:0> = 001
CM<2:0> = 110
Legend: A = Analog Input, ports always read ‘0’
CIS = Comparator Input Switch (CMCON0<3>)
D = Digital Input
Note 1:
Lowest power statement assures valid digital stats on GPO, GP1 and GP2.
GP1/CIN-
GP0/CIN+
Off (Read as ‘0’)
A
A
GP2/C1OUT D
GP1/CIN-
GP0/CIN+
Off (Read as ‘0’)
D
D
GP2/C1OUT D
GP1/CIN-
GP0/CIN+
C1OUT
A
A
GP2/C1OUT D
GP1/CIN-
GP0/CIN+
C1OUT
A
D
GP2/C1OUT D
From CVREF Module
GP1/CIN-
GP0/CIN+
C1OUT
A
D
GP2/C1OUT D
From CVREF Module
GP1/CIN-
GP0/CIN+
C1OUT
A
A
GP2/C1OUT D
From CVREF Module
CIS = 0
CIS = 1
GP1/CIN-
GP0/CIN+
C1OUT
A
A
GP2/C1OUT D
GP1/CIN-
GP0/CIN+
C1OUT
A
A
GP2/C1OUT D
From CVREF Module
CIS = 0
CIS = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com