| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9958/PCB bảng dữ liệu(PDF) 32 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9958/PCB bảng dữ liệu(HTML) 32 Page - Analog Devices |
|
32 / 40 page ![]() AD9958 Rev. 0 | Page 32 of 40 SCLK SDIO_0 INSTRUCTION CYCLE DATA TRANSFER CYCLE CS I7 (I0) I6 (I1) I5 (I2) I4 (I3) I3 (I4) I2 (I5) I1 (I6) I0 (I7) D7 (D0) D6 (D1) D5 (D2) D4 (D3) D3 (D4) D2 (D5) D1 (D6) D0 (D7) Figure 42. Single-Bit Serial Mode Write Timing—Clock Stall Low INSTRUCTION CYCLE DATA TRANSFER CYCLE CS SCLK SDIO_1 SDIO_0 D7 (D1) D5 (D3) D3 (D5) D1 (D7) D6 (D0) D4 (D2) D2 (D4) D0 (D6) I6 (I0) I4 (I2) I2 (I4) I0 (I6) I7 (I1) I5 (I3) I3 (I5) I1 (I7) Figure 43. 2-Bit Serial Mode Write Timing—Clock Stall Low INSTRUCTION CYCLE DATA TRANSFER CYCLE SCLK SDIO_1 SDIO_0 SDIO_2 SDIO_3 CS I7 (I3) I1 (I5) I5 (I1) I3 (I7) I6 (I2) I0 (I4) I4 (I0) I2 (I6) D7 (D3) D1 (D5) D5 (D1) D3 (D7) D6 (D2) D0 (D4) D4 (D0) D2 (D6) Figure 44. 4-Bit Serial Mode Write Timing—Clock Stall Low Figure 45 through Figure 48 represent read timing diagrams for each serial I/O modes available. Both MSB and LSB-first modes are shown. LSB-first bits are shown in parenthesis. The clock stall low/high feature shown is not required. It is used to show that data (SDIO) must have the proper set-up time relative to the rising edge of SCLK for the instruction byte and the read data that follows the falling edge of SCLK. |