| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M65818AFP bảng dữ liệu(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M65818AFP bảng dữ liệu(HTML) 14 Page - Renesas Technology Corp |
|
14 / 39 page ![]() M65818AFP Rev.1.00, Sep.04.2003, page 14 of 38 Setting of DSDCKIO is following table. DSDCKIO Selection of DSD64fs and DSD128fs I/O L Input mode H Output mode • SACD Input Format mode1 DSDL/R (input data) DSD128fs DSD64fs mode2 DSDL/R (input data) DSD128fs DSD64fs mode3 DSDL/R (input data) DSD128fs DSD64fs mode4 DSDL/R (input data) DSD128fs DSD64fs * D0:Positive phase data, XD0:Negative phase data (reversal) Positive phase data are fetched at the timing of "O" marks in upper figure. D3 XD3 D0 XD0 D1 XD1 D2 XD2 128fs 64fs D0 XD0 D1 XD1 D2 XD2 D3 XD3 128fs 64fs D0 D1 D2 D3 64fs D3 XD3 D0 XD0 D1 XD1 D2 XD2 128fs 64fs 5.6. MCKCEL, XfsoIN, XfsoOUT 32 28 77 XfsoIN pin is secondary master clock input. The state of MCKSEL pin selects secondary master clock. MCKSEL XfsoIN L 1024fso H 512fso XfsoOUT pin is buffered-output from XfsoIN pin's input clock. |