công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

175-4621 bảng dữ liệu(PDF) 37 Page - List of Unclassifed Manufacturers

tên linh kiện 175-4621
Giải thích chi tiết về linh kiện  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

175-4621 bảng dữ liệu(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button 175-4621 Datasheet HTML 33Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 34Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 35Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 36Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 37Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 38Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 39Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 40Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
Standard Design
Short Design
Mounting Style Descrip-
Part
Descrip-
Part
tion
No.
tion
No.
1-in. shank
4010
350-4010
4015
350-4015
1-1 /4-in. shank
4011
350-4011
4016
350-4016
1-1 /2-1n. shank
4012
350-4012
4017
350-4017
Platen
4013
350-4013
4018
350-4018
The Equa-Press Holder makes two identical welds at once.
When it contacts the workpiece, the forging pressure is
automatically equalized between the two electrodes,
regardless of variations in work thickness, or electrode
wear (up to 3/16”). The two tip-holding barrels are sliding
pistons, whose movements are controlled by a mechanical
equalizing slide in the housing (see cutaway drawings).
The spring’s only function is to return the barrels to a fully
extended position when there is no work contact. Maximum
conductivity is maintained through sturdy copperalloy
working parts. Spacing can vary up to 4 inches, using
TUFFALOY bent offset tips in Equa-Press holders having
the standard barrel spacing of two inches (shown).
Barrel spacing up to six inches is available as semi-
standard (see price list). These are drilled to order from
stock components. To order you must give the barrel
spacing desired, along with the Item number (from table).
Equa-Press Holders are made in two mounting styles:
platen models to mount directly to the platen on press-
type welding machines, and shank models for rocker
arm machines. All are available in two designs: the
standard and the short (close-coupled) type. The short
design is internally flood-cooled and takes up less
space in the welder.
Equa-Press holders can be used with forces up to 1500 lbs.
EQUA-PRESSTM
DUAL TIP
HOLDERS
U.S. Pat. No. 2,979,599
Canada Pat. 637470
Note: For best results, position the holder so that a line drawn through the
electrode centers is at, or nearly at, right angles to the direction of the
welder arms. Otherwise, the magnetic field between the arms can cause an
excess of current to flow through the inboard electrode.
36
TUFFALOY
multiple welding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com