công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

175-4621 bảng dữ liệu(PDF) 32 Page - List of Unclassifed Manufacturers

tên linh kiện 175-4621
Giải thích chi tiết về linh kiện  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

175-4621 bảng dữ liệu(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button 175-4621 Datasheet HTML 28Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 29Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 30Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 31Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 32Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 33Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 34Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 35Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
Part
A
B
C
D
Description
Number
OAL
Dia.
Thread
Taper
TDH-25A
301-0004
1.77”
1”
18mm
#4
TDH-25C
301-0005
1.97”
1”
18mm
#5
TDH-30A
301-0015
1.97”
1.125”
22mm
#5
TDH-35A
301-0020
1.97”
1.125”
26mm
#5
BODIES
Part
Hole
A
B
C
Copper-Tungsten
Number
Dia.
Pin Size
Thread
Dia.
Faced Heads
175-8004
.197
4mm
175-8004-10W
175-8005
.236
5mm
175-8005-10W
175-8006
.276
6mm
175-8006-10W
175-8007
.315
7mm
M18
1.0
175-8007-10W
175-8008
.354
8mm
175-8008-10W
175-8009
.394
9mm
175-8009-10W
175-8010
.432
10mm
175-8010-10W
175-8011
.472
11mm
M22
1.125”
175-8011-10W
175-8012
.512
12mm
175-8012-10W
175-8013
.551
13mm
175-8013-10W
175-8014
.588
14mm
M26
1.250”
175-8014-10W
HEADS
METRIC NUT ELECTRODES
TUFFALOY now stocks the head/pin style welding system components that adds to your selection for stud and nut
welding needs. From our standard style to our Arctic, that produces higher quality welds and longer life, you can select
the product that best meets your needs.
Heads are made from RWMA class 2 material that are an optimal cost consumable. Class 3 and 10W are available for
longer life. With a concave seat the pin locates in the center of assembly when air is applied to the system. This gives
you a repeatable location for automated nut feeders to introduce the nut to the environment.
Pins have a nonconductive surface on a steel matrix that gives longer life in a repetitive motion environment. With the
threaded head securing the pin in place it makes it easy to replace the pin to meet your requirements. TUFFALOY can
design pins for special applications.
A
Pilot
Part
A
B
C
Pilot Dia.
Number
Nut
OAL
Base
195-3004
4mm
1.12”
.185
195-3005
5mm
1.17”
.224
195-3006
6mm
1.23”
.264
195-3007
7mm
1.24”
12mm
.303
195-3008
8mm
1.25”
.340
195-3009
9mm
1.19”
.380
195-3010
10mm
1.37”
.422
195-3011
11mm
1.38”
16mm
.458
195-3012
12mm
1.40”
.500
195-3013
13mm
1.37”
.539
195-3014
14mm
1.50”
.815
.580
195-3015
15mm
1.52”
.815
.620
PINS
Part
A
B
C
D
Description
Number
ID
OAL
Dia.
Taper
TNFD 16-M5-16-3
186-0101
5mm
.625”
TNFD 20-M6-16-3
186-0102
6mm
.75”
TNFD 20-M8-16-3
186-0103
7.5mm
2.36”
.75”
5RW
TNFD 20-M10-16-3
186-0104
10mm
.75”
TNFD 20-M12-16-3
186-0105
12mm
.75”
UPPER ELECTRODE
31
TUFFALOY
automatic nut feeder system components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com