công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSM7502 bảng dữ liệu(PDF) 9 Page - OKI electronic componets

tên linh kiện MSM7502
Giải thích chi tiết về linh kiện  Multi-Function PCM CODEC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OKI [OKI electronic componets]
Trang chủ  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7502 bảng dữ liệu(HTML) 9 Page - OKI electronic componets

Back Button MSM7502 Datasheet HTML 5Page - OKI electronic componets MSM7502 Datasheet HTML 6Page - OKI electronic componets MSM7502 Datasheet HTML 7Page - OKI electronic componets MSM7502 Datasheet HTML 8Page - OKI electronic componets MSM7502 Datasheet HTML 9Page - OKI electronic componets MSM7502 Datasheet HTML 10Page - OKI electronic componets MSM7502 Datasheet HTML 11Page - OKI electronic componets MSM7502 Datasheet HTML 12Page - OKI electronic componets MSM7502 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
¡ Semiconductor
MSM7502
9/35
BCLOCK
CODEC PCM data I/O shift clock input.
The frequency is one of 64 kHz, 128 kHz, 256 kHz, 512 kHz, 1024 kHz, 2048 kHz, 96 kHz, 192 kHz,
384 kHz, 786 kHz, 1536 kHz, and 1544 kHz. If the BCLOCK signal is not applied, PLL is out of
synchronization and the CODEC path goes into the power down mode.
XSYNC, RSYNC
Synchronous signal input.
CODEC PCM data is sent out sequencially via the PCMOUT pin from MSB at the rising edge of
the BCLOCK signal in synchronization with the rise of the XSYNC signal. PCM data should be
entered via the PCMIN pin with MSB at the head in synchronization with the rise of the RSYNC
signal. PCM data is shifted in at the falling edge of the BCLOCK signal.
Since the XSYNC signal is used for a trigger signal for PLL and for a clock signal to the tone
generator, if this signal is not applied, not only any tone can not be output, but also PLL goes out
of synchronization and the CODEC path goes into a power down mode. This signal has to be
synchronous with the BCLOCK signal and its frequency must be within 8 kHz
±50 ppm to ensure
the CODEC AC characteristics (mainly frequency characteristics).
PCMIN
PCM signal input.
PCMIN data is shifted in at the falling edge of the BCLOCK signal and is latched into the internal
register after eight bits are shifted.
PCMOUT
PCM signal output.
PCMOUT data is shifted out at the rising edge of the BCLOCK signal. PCMOUT is left open after
eight bits are shifted or when PLL goes out of synchronization. PCMOUT also is left open
through processor control. In addition, a digital path between PCMIN and PCMOUT is formed
through processor control. PCMOUT needs a pull-up resistor because of its open-drain circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com